Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF0703A-8R2M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF0703A-8R2M
Description  Dual-Winding Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF0703A-8R2M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF0703A-8R2M Datasheet HTML 1Page - Bourns Electronic Solutions SRF0703A-8R2M Datasheet HTML 2Page - Bourns Electronic Solutions SRF0703A-8R2M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0703A Series - Dual-Winding Shielded Power Inductors
Inductance vs. IDC
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications
and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Temperature Rise vs. IDC
2.4
3.2
1.6
0.8
0.0
2.4
3.2
1.6
0.8
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
0.0
2.0
4.0
6.0
8.0
10.0
0.0
10.0
5.0
15.0
20.0
25.0
30.0
1.5
2.0
1.0
0.5
0.0
0.5
0.0
1.0
2.0
1.5
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
0.0
100.0
80.0
20.0
40.0
60.0
0.6
0.3
0.0
0.3
0.0
0.9
0.6
1.2
1.2
0.9
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.2
0.0
0.4
0.8
0.6
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
0.6
0.8
0.4
0.2
0.0
0.0
150.0
50.0
100.0
200.0
SRF0703A-8R2M
SRF0703A-220M
SRF0703A-680M
SRF0703A-151M
SRF0703A-8R2M
SRF0703A-220M
SRF0703A-680M
SRF0703A-151M


Similar Part No. - SRF0703A-8R2M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
637Kb / 4P
   SRF0703A Series - Dual-Winding Shielded Power Inductors
REV. 04/20
More results

Similar Description - SRF0703A-8R2M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
logo
RENCO ELECTRONICS, INC.
RLD-7500-0 RENCO-RLD-7500-0 Datasheet
1Mb / 5P
   SHIELDED DUAL WINDING SMD POWER INDUCTORS
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
   Dual Winding, Shielded Inductors/Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com