Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61099YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61099YFFR
Description  TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61099YFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61099YFFR Datasheet HTML 1Page - Texas Instruments TPS61099YFFR Datasheet HTML 2Page - Texas Instruments TPS61099YFFR Datasheet HTML 3Page - Texas Instruments TPS61099YFFR Datasheet HTML 4Page - Texas Instruments TPS61099YFFR Datasheet HTML 5Page - Texas Instruments TPS61099YFFR Datasheet HTML 6Page - Texas Instruments TPS61099YFFR Datasheet HTML 7Page - Texas Instruments TPS61099YFFR Datasheet HTML 8Page - Texas Instruments TPS61099YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TPS61099
SLVSD88A – JULY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
VIN, SW, VOUT, FB, EN
-0.3
6.0
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500V HBM rating allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM rating allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged Device Model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±500
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Input voltage range
0.7
5.5
V
VOUT
Output voltage range
1.8
5.5
V
L
Inductor
0.7
2.2
2.86
µH
CIN
Input capacitor
1.0
10
µF
COUT
Output capacitor
10
20
100
µF
TJ
Operating virtual junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS61099
UNIT
YFF (6 BALLS,
WCSP)
RθJA
Junction-to-ambient thermal resistance
134.4
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
36.1
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
36.2
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - TPS61099YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099YFFR TI1-TPS61099YFFR Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFR TI1-TPS61099YFFR Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFR TI1-TPS61099YFFR Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFR TI1-TPS61099YFFR Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFR TI-TPS61099YFFR Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61099YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com