Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1255-040LF Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SMV1255-040LF
Description  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1255-040LF Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SMV1255-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMV1255-040LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200061T • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
9
Notes:
1. All measurements are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
3. These packages are used principally for discrete devices.
4. This dimension includes stand-off height and package body thickness,
but does not include attached features, e.g., external heatsink or chip capacitors.
An integral heatslug is not considered an attached feature.
5. This dimension is primarily terminal plating, but does not include small metal protrusion.
0.05
2X
0.05
0.46 + 0.04
–0.06
0.05/0.00
Terminal 1
0.03 C
2X 0.25 ± 0.05
2X
Pin 1 Indicator
0.600
A
0.650
C
B
1.000
Seating Plane
4
2X 0.50 ± 0.05
0.10 M A B
0.10 M A B
0.325
5
200061T-010
Figure 10. SOD-882 Package Dimensions
200061T-011
A
B
2.00 ± 0.05
∅1.55 ± 0.05 (D0)
∅0.40 ± 0.05 (D1)
Cathode
Indicator
0.20
0.70 ± 0.05 (A0)
4.00 ± 0.10
A
B
B
A
2.00 ± 0.05
0.47 ± 0.05 (Ko)
1.75 ± 0.10
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape: transparent conductive material.
3. Cover tape size: 5.4 mm width.
4. ESD surface resistivity is ≥1 x 104 ~ ≤ 1 x 108 Ohms/square.
5. All dimensions are in millimeters.
Figure 11. SOD-882 Tape and Reel Dimensions


Similar Part No. - SMV1255-040LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1255-001 ALPHA-SMV1255-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1255-001 ETC1-SMV1255-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1255-001 SKYWORKS-SMV1255-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1255-003 ALPHA-SMV1255-003 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1255-003 ETC1-SMV1255-003 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
More results

Similar Description - SMV1255-040LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com