Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1281-079LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SMV1281-079LF
Description  Hyperabrupt Junction Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1281-079LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1281-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1281-079LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATA SHEET • SMV1281 SERIES VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200066L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
5
0.060 (1.50 mm) Min.
0.067 (1.70 mm) Max.
0.010
(0.25 mm) Min.
0.014
(0.35 mm) Max.
0.043 (1.10 mm) Min.
0.051 (1.30 mm) Max.
0.020
(0.50 mm) Min.
0.028
(0.70 mm) Max.
0.003
(0.07 mm) Min.
0.008
(0.20 mm) Max.
10° Max.
10° Max.
0.028
(0.70 mm) Min.
0.035
(0.90 mm) Max.
0.006 (0.15 mm) Min.
Polarity
Indicator Area
12
S1652
Dimensions are in inches (millimeters shown in parentheses)
Box
or
Bar
Figure 3. SC-79 Package Dimensions
S2929
Notes:
1. Carrier tape: black conductive polycarbonate or polystyrene.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.4 mm width.
4. ESD-surface resistivity is ≤1 x 108 Ohms/square per
EIA, JEDEC TNR Specification.
4. All measurements are in millimeters.
0.229 ± 0.02 (T)
A
B
Ø1.50± 0.10
Ø0.50± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.80 ± 0.05 (Ko)
0.39 ± 0.05
0.90 ± 0.05 (Ao)
1.75 ± 0.10
2o Max
2° Max
A
B
B
A
Pin 1 Indicator
Figure 4. SC-79 Tape and Reel Dimensions


Similar Part No. - SMV1281-079LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMV1281-079LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com