Electronic Components Datasheet Search |
|
SMV1251-079LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc. |
|
SMV1251-079LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc. |
2 / 11 page DATA SHEET • SMV1247-SMV1255 VARACTORS Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 2 February 22, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200061T Table 1. Packaging and Marking Single Single Single Common Cathode Single SC-79 Green™ SOD-323 Green™ SOT-23 SOT-23 SOD-882 Green™ ♦SMV1247-079LF Marking: Cathode and AH SMV1247-040LF Marking: H SMV1248-079LF Marking: Cathode and CH SMV1248-040LF Marking: 8 ♦SMV1249-079LF Marking: Cathode and EH SMV1249-011LF Marking: EF SMV1249-040LF Marking: K SMV1251-079LF Marking: Cathode and FH SMV1251-011LF Marking: EH SMV1251-040LF Marking: EH1 SMV1253-004 Marking: AJ3 SMV1253-040LF Marking: 3 SMV1253-079LF Marking: Cathode and GH SMV1253-011LF Marking: EJ SMV1253-004LF Green™ Marking: EJ3 SMV1255-001 Marking: AK1 SMV1255-040LF Marking: 4 ♦SMV1255-079LF Marking: Cathode and HH SMV1255-011LF Marking: EK SMV1255-001LF Green™ Marking: EK1 LS = 0.7 nH LS = 1.5 nH LS = 1.5 nH LS = 1.5 nH LS = 0.45 nH The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not recommended for new designs. Electrical and Mechanical Specifications The absolute maximum ratings of the SMV1247-SMV1255 group of varactors are provided in Table 2. Electrical specifications are provided in Table 3. Typical capacitance values are listed in Table 4. Typical performance characteristics of the SMV1247-SMV1255 varactors are illustrated in Figures 1 through 4. The SPICE model for the SMV1247-SMV1255 varactors is shown in Figure 5, and the associated model parameters are provided in Table 5. Package dimensions are shown in Figures 6 to 12 (even numbers), and tape and reel dimensions are provided in Figures 7 to 13 (odd numbers). Package and Handling Information Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SMV1247-SMV1255 group of varactors are rated to Moisture Sensitivity Level 1 (MSL1) at 260 C. They can be used for lead or lead-free soldering. For additional information, refer to the Skyworks Application Note, Solder Reflow Information, document number 200164. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format. |
Similar Part No. - SMV1251-079LF |
|
Similar Description - SMV1251-079LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |