Electronic Components Datasheet Search |
|
SMV1270-079LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc. |
|
SMV1270-079LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc. |
5 / 7 page DATA SHEET • SMV1270 SERIES VARACTORS Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200065J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015 5 0.060 (1.50 mm) Min. 0.067 (1.70 mm) Max. 0.010 (0.25 mm) Min. 0.014 (0.35 mm) Max. 0.043 (1.10 mm) Min. 0.051 (1.30 mm) Max. 0.020 (0.50 mm) Min. 0.028 (0.70 mm) Max. 0.003 (0.07 mm) Min. 0.008 (0.20 mm) Max. 10° Max. 10° Max. 0.028 (0.70 mm) Min. 0.035 (0.90 mm) Max. 0.006 (0.15 mm) Min. Polarity Indicator Area 12 S1652 Dimensions are in inches (millimeters shown in parentheses) Box or Bar Figure 4. SC-79 Package Dimensions S2188 Notes: 1. Carrier tape: black conductive polycarbonate. 2. Cover tape: transparent conductive material. 3. Cover tape size: 5.4 mm width. 4. ESD surface resistivity is ≥1 x 104 ~ ≤ 1 x 108 Ohms/square. 5. All measurements are in millimeters. 6. Standard reel size is 7 inches. Standard reel quantity is 3000 pcs. A A A BB B ∅1.50± 0.10 ∅0.50± 0.05 4.00 ± 0.10 2.00 ± 0.05 0.45 ± 0.05 0.90 ± 0.05 0.19 1.94 ± 0.05 0.73 ± 0.05 1.75 ± 0.10 Cathode Indicator Figure 5. SC-79 Tape and Reel Dimensions |
Similar Part No. - SMV1270-079LF |
|
Similar Description - SMV1270-079LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |