Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71T75602S166PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71T75602S166PF
Description  512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T75602S166PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71T75602S166PF Datasheet HTML 2Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 3Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 4Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 5Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 6Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 7Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 8Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 9Page - Integrated Device Technology IDT71T75602S166PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.42
6
IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
NOTES:
1. J3, R5, and J5 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. U2, U3, U4 and U6 will be pulled internally to VDD if not actively driven. To disable the TAP controller without interfering with normal operation, several settings
are possible. U2, U3, U4 and U6 could be tied to VDD or VSS and U5 should be left unconnected. Or all JTAG inputs(TMS, TDI, and TCK and
TRST) U2, U3,
U4 and U6 could be left unconnected “NC” and the JTAG circuit will remain disabled from power up.
3. The 36M address will be ball T6 (for the 512K x 36 device) and ball T4 (for the 1M x 18 device).
4.
TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
Top View
Pin Configuration — 1M X 18, 119 BGA(1,2)
Top View
Pin Configuration — 512K X 36, 119 BGA(1,2)
1
2
3
4
567
AVDDQ
A
6
A
4
A
18
A
8
A
16
VDDQ
BNC
CE
2
A
3
ADV/
LD
A
9
CE
2
NC
CNC
A
7
A
2
VDD
A
12
A
15
NC
DI/O
16
I/O
P3
VSS
NC
VSS
I/O
P2
I/O
15
EI/O
17
I/O
18
VSS
CE
1
VSS
I/O
13
I/O
14
FVDDQ
I/O
19
VSS
OE
VSS
I/O
12
VDDQ
GI/O
20
I/O
21
BW
3
A
17
BW
2
I/O
11
I/O
10
HI/O
22
I/O
23
VSS
R/
W
VSS
I/O
9
I/O
8
JVDDQ
VDD
VDD(1)
VDD
VDD(1)
VDD
VDDQ
KI/O
24
I/O
26
VSS
CLK
VSS
I/O
6
I/O
7
LI/O
25
I/O
27
BW
4
NC
BW
1
I/O
4
I/O
5
MVDDQ
I/O
28
VSS
CEN
VSS
I/O
3
VDDQ
NI/O
29
I/O
30
VSS
A
1
VSS
I/O
2
I/O
1
PI/O
31
I/O
P4
VSS
A
0
VSS
I/O
P1
I/O
0
RNC
A
5
LBO
VDD
VDD
(1)
A
13
NC
T
NCNCA
10
A
11
A
14
NC(3)
ZZ
UVDDQ
NC/TMS
(2)
NC/TDI(2) NC/TCK(2) NC/TDO(2) NC/TRST(2,4)
VDDQ
5313 tbl 25
1
2
345
6
7
AVDDQ
A
6
A
4
A
19
A
8
A
16
VDDQ
BNC
CE
2
A
3
ADV/
LD
A
9
CE
2
NC
CNC
A
7
A
2
VDD
A
13
A
17
NC
DI/O
8
NC
VSS
NC
VSS
I/O
P1
NC
ENC
I/O
9
VSS
CE
1
VSS
NC
I/O
7
FVDDQ
NC
VSS
OE
VSS
I/O
6
VDDQ
GNC
I/O
10
BW
2
A
18
VSS
NC
I/O
5
HI/O
11
NC
VSS
R/
W
VSS
I/O
4
NC
JVDDQ
VDD
VDD(1)
VDD
VDD(1)
VDD
VDDQ
KNC
I/O
12
VSS
CLK
VSS
NC
I/O
3
LI/O13
NC
VSS
NC
BW1
I/O
2
NC
MVDDQ
I/O
14
VSS
CEN
VSS
NC
VDDQ
NI/O
15
NC
VSS
A
1
VSS
I/O
1
NC
PNC
I/O
P2
VSS
A
0
VSS
NC
I/O
0
RNC
A
5
LBO
VDD
VDD(1)
A
12
NC
TNC
A
10
A
15
NC(3)
A
14
A
11
ZZ
UVDDQ
NC/TMS
(2)
NC/TDI(2) NC/TCK(2) NC/TDO(2) NC/TRST(2,4)
VDDQ
5313 tbl 25a


Similar Part No. - IDT71T75602S166PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71T75602S166PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71T75602 RENESAS-71T75602 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702 Datasheet
636Kb / 26P
   512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
71T75902 RENESAS-71T75902 Datasheet
298Kb / 24P
   1M x 18 2.5V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Flow-Through Outputs
Apr.07.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com