Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1145-079LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMV1145-079LF
Description  Hyperabrupt Junction Tuning Varactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1145-079LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMV1145-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1145-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1145-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1145-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1145-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1145-079LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATA SHEET • SMV1145-079LF VARACTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200056N
Table 4. Capacitance vs Reverse Voltage
VR
(V)
CT
(pF)
VR
(V)
CT
(pF)
0
41.81
6.5
9.81
0.5
33.38
7.0
9.17
1.0
28.35
7.5
8.66
1.5
24.82
8.0
8.29
2.0
22.11
8.5
7.99
2.5
19.91
9.0
7.76
3.0
18.06
9.5
7.58
3.5
16.45
10.0
7.43
4.0
15.02
10.5
7.30
4.5
13.73
11.0
7.15
5.0
12.57
11.5
7.10
5.5
11.53
12.0
7.02
6.0
10.60
DIODE
Varactor_Diode
AREA = 1
MODEL = Diode_Model
MODE = nonlinear
IND
LS
L = LS
RES
RS
R = RS
CAP
CP
C = CP
PORT
P_anode
port = 1
PORT
P_Cathode
port = 2
DIODEM
Diode_Model
IS = 1.00e-14
RS = 0
N = 1
TT = 0
CJO = CJO
M = M
VJ = VJ
EG = 1.11
XTI = 3
KF =0
AF =1
FC = 0.5
BV = VB
IBV = 1e-3
ISR = 0
NR = 2
IKF = 0
NBV = 1
IBVL = 0
NBVL = 1
TBV1 = 0
TNOM = 27
FFE = 1
S1672
Figure 5. SPICE Model
Table 5. SPICE Model Parameters
Part Number
CJO
(pF)
VJ
(V)
VB
(V)
M
CP
(pF)
RS
(
Ω)
SMV1145-079LF
41.80
2.50
12
1.10
0
0.60


Similar Part No. - SMV1145-079LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF Datasheet
200Kb / 6P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1145-079LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com