Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61088 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61088
Description  TPS61088 10-A Fully-Integrated Synchronous Boost Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61088 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61088 Datasheet HTML 1Page - Texas Instruments TPS61088 Datasheet HTML 2Page - Texas Instruments TPS61088 Datasheet HTML 3Page - Texas Instruments TPS61088 Datasheet HTML 4Page - Texas Instruments TPS61088 Datasheet HTML 5Page - Texas Instruments TPS61088 Datasheet HTML 6Page - Texas Instruments TPS61088 Datasheet HTML 7Page - Texas Instruments TPS61088 Datasheet HTML 8Page - Texas Instruments TPS61088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
EN
SW
SW
SW
BOOT
VIN
FSW
SW
COMP
FB
ILIM
VOUT
VOUT
VOUT
MODE
PGND
RHL
NC
3
TPS61088
www.ti.com
SLVSCM8A – MAY 2015 – REVISED MAY 2015
Product Folder Links: TPS61088
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6 Pin Configuration and Functions
RHL Package
20 Pin VQFN With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
1
O
Output of the internal regulator. A ceramic capacitor of more than 1.0 µF is required between
this pin and ground.
EN
2
I
Enable logic input. Logic high level enables the device. Logic low level disables the device
and turns it into shutdown mode.
FSW
3
I
The switching frequency is programmed by a resister between this pin and the SW pin.
SW
4, 5, 6, 7
I
The switching node pin of the converter. It is connected to the drain of the internal low-side
power MOSFET and the source of the internal high-side power MOSFET.
BOOT
8
O
Power supply for high-side MOSFET gate driver. A ceramic capacitor of 0.1 µF must be
connected between this pin and the SW pin
VIN
9
I
IC power supply input
SS
10
O
Soft-start programming pin. An external capacitor sets the ramp rate of the internal error
amplifier's reference voltage during soft-start
NC
11, 12
No connection inside the device. Connect these two pins to ground plane on the PCB for
good thermal dissipation
MODE
13
I
Operation mode selection pin for the device in light load condition. When this pin is connected
to ground, the device works in PWM mode. When this pin is left floating, the device works in
PFM mode.
VOUT
14, 15, 16
O
Boost converter output
FB
17
I
Voltage feedback. Connect to the center tape of a resistor divider to program the output
voltage.
COMP
18
O
Output of the internal error amplifier, the loop compensation network should be connected
between this pin and the AGND pin.
ILIM
19
O
Adjustable switch peak current limit. An external resister should be connected between this
pin and the AGND pin.
AGND
20
Signal ground of the IC
PGND
21
Power ground of the IC. It is connected to the source of the low-side MOSFET.


Similar Part No. - TPS61088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI1-TPS61088 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results

Similar Description - TPS61088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
   13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
   16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Texas Instruments
TPS61033 TI-TPS61033 Datasheet
2Mb / 28P
[Old version datasheet]   TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
OCTOBER 2022
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com