Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61088RHLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61088RHLR
Description  TPS61088 10-A Fully-Integrated Synchronous Boost Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61088RHLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61088RHLR Datasheet HTML 3Page - Texas Instruments TPS61088RHLR Datasheet HTML 4Page - Texas Instruments TPS61088RHLR Datasheet HTML 5Page - Texas Instruments TPS61088RHLR Datasheet HTML 6Page - Texas Instruments TPS61088RHLR Datasheet HTML 7Page - Texas Instruments TPS61088RHLR Datasheet HTML 8Page - Texas Instruments TPS61088RHLR Datasheet HTML 9Page - Texas Instruments TPS61088RHLR Datasheet HTML 10Page - Texas Instruments TPS61088RHLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D009
Temperature (°C)
-40
-20
0
20
40
60
80
100
120130
1.2
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
1.209
1.21
D007
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
140
D008
Resistance (k:)
80
120
160
200
240
280
320
360
0
2
4
6
8
10
12
14
D005
PFM Mode
FPWM Mode
Resistance (k:)
0
100
200
300
400
500
600
700
800
900
0
500
1000
1500
2000
2500
D006
7
TPS61088
www.ti.com
SLVSCM8A – MAY 2015 – REVISED MAY 2015
Product Folder Links: TPS61088
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 5. Current Limit vs Setting Resistance
Figure 6. Switching Frequency vs Setting Resistance
Figure 7. Reference Voltage vs Temperature
Figure 8. Quiescent Current vs Temperature
Figure 9. Shutdown Current vs Temperature


Similar Part No. - TPS61088RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI1-TPS61088 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results

Similar Description - TPS61088RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
   13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
   16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Texas Instruments
TPS61033 TI-TPS61033 Datasheet
2Mb / 28P
[Old version datasheet]   TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
OCTOBER 2022
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com