Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFK1V681L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFK1V681L
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1V681L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFK1V681L Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1V681L Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1V681L Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1V681L Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1V681L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
010 <
Sleeve
14 min.
3 min.
L
✽ L < 16 : L±1.5
L
> 20 : L±2.0
Pressure relief
+
08
0D±0.5
0D±0.5
Low impedance (10 % to 30 % less than FC Series)
Miniaturization (30 % to 40 % less than FC Series)
Endurance : 105 °C 3000 h to 5000 h
RoHS compliant
Features
(Unit : mm)
Frequency correction factor for ripple current
Dimensions
Radial Lead Type
Series : FK Type : A
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC to 35 V.DC
Capacitance range
180 µF to 12000 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV (µA) After 2 minutes
Dissipation factor
(tan d)
V.DC
6.3
10
16
25
35
tan
d
0.22
0.19
0.16
0.14
0.12
(120 Hz/+20 °C)
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The
sum of DC and ripple peak voltage shall not exceed the rated working voltage), when the
capacitors are restored to 20 °C, the capacitors shall meet the limits specified bellow.
Duration :
08: 3000 hours , 010: 4000 hours , 012.5 to 018: 5000 hours
Capacitance change
Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
AEC-Q200
AEC-Q200 compliant
Rated voltage (V.DC)
Capacitance (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 35
180
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
12000
0.75
0.80
0.95
1.00
1.00
0D
8
10
12.5
16
18
L
12.5 to 25
30 to 40
0d
0.6
0.6
0.6
0.8
0.8
0.8
F
3.5
5.0
5.0
5.0
7.5
7.5
Specifications
Mar. 2016
02


Similar Part No. - EEUFK1V681L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFK1V681L PANASONIC-EEUFK1V681L Datasheet
634Kb / 12P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUFK1V681L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com