Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61087QWDRCRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61087QWDRCRQ1
Description  TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087QWDRCRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61087QWDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS61087QWDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
V
=9V
OUT
V
=12V
OUT
V
=15V
OUT
V
=18.5V
OUT
V
-InputVoltage-V
IN
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
f =650kHz
S
V
-InputVoltage-V
IN
3.0
2.5
2.0
1.5
1.0
0.5
0.0
4.5
2.5
3.0
3.5
4.0
5.0
5.5
6.0
V
=9V
OUT
V
=15V
OUT
V
=18.5V
OUT
f =1.2Mhz
S
V
=12V
OUT
5
TPS61087-Q1
www.ti.com
SLVSB50B – DECEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61087-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 5 V, EN = VIN, VS = 15 V, TA = TJ = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
VS
Boost output voltage
VIN + 0.5
18.5
V
VFB
Feedback regulation voltage
1.23
1.238
1.25
V
gm
Transconductance error amplifier
107
μA/V
IFB
Feedback input bias current
VFB = 1.238 V
0.1
μA
rDS(on)
N-channel MOSFET on-resistance
VIN = VGS = 5 V, ISW = current limit
0.13
0.18
VIN = VGS = 3 V, ISW = current limit
0.16
0.23
ISWLEAK
SW leakage current
EN = GND, VSW = VIN = 6 V
2
μA
ILIM
N-Channel MOSFET current limit
3.2
4
4.8
A
ISS
Soft-start current
VSS = 1.238 V
7
10
13
μA
fS
Oscillator frequency
FREQ = VIN
0.9
1.2
1.5
MHz
FREQ = GND
480
650
820
kHz
Line regulation
VIN = 2.5 V to 6 V, IOUT = 10 mA
0.0002
%/V
Load regulation
VIN = 5 V, IOUT = 1 mA to 1 A
0.11
%/A
6.6 Typical Characteristics
The typical characteristics are measured with the inductors 7447789003 3.3 µH (high frequency) or 74454068 6.8 µH (low
frequency) from Wurth and the rectifier diode SL22.
Table 1. Table of Graphs
FIGURE
IOUT(max)
Maximum load current
vs Input voltage at High frequency (1.2 MHz)
Figure 1
IOUT(max)
Maximum load current
vs Input voltage at Low frequency (650 kHz)
Figure 2
η
Efficiency
vs Load current, VS = 15 V, VIN = 5 V
Figure 3
vs Load current, VS = 9 V, VIN = 3.3 V
Figure 4
Supply current
vs Supply voltage
Figure 5
Oscillator frequency
vs Load current
Figure 6
Oscillator frequency
vs Supply voltage
Figure 7
Figure 1. Maximum Load Current vs Input Voltage
Figure 2. Maximum Load Current vs Input Voltage


Similar Part No. - TPS61087QWDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087QDRCRQ1 TI1-TPS61087QDRCRQ1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results

Similar Description - TPS61087QWDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com