Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62743YFPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62743YFPT
Description  300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62743YFPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62743YFPT Datasheet HTML 1Page - Texas Instruments TPS62743YFPT Datasheet HTML 2Page - Texas Instruments TPS62743YFPT Datasheet HTML 3Page - Texas Instruments TPS62743YFPT Datasheet HTML 4Page - Texas Instruments TPS62743YFPT Datasheet HTML 5Page - Texas Instruments TPS62743YFPT Datasheet HTML 6Page - Texas Instruments TPS62743YFPT Datasheet HTML 7Page - Texas Instruments TPS62743YFPT Datasheet HTML 8Page - Texas Instruments TPS62743YFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IOUT (mA)
0.001
0.01
0.1
1
10
100
1000
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
D006
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN
EN
VSEL1
VSEL2
VSEL3
SW
VOS
GND
L 2.2 PH
COUT
10 PF
CIN
4.7 PF
VIN
2.0 V to 5.5 V
Low Power
MCU & RF
TPS62743
VOUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62743, TPS627431
SLVSCQ0A – JUNE 2015 – REVISED MAY 2016
TPS62743 TPS627431 300/400 mA High Efficiency Buck Converter with Ultra-low
Quiescent Current
1
1 Features
1
Input Voltage Range VIN from 2.15 V to 5.5 V
Input Voltage Range Down to 2.0 V Once Started
Output Current
TPS62743 300 mA
TPS627431 400mA
360 nA Operational Quiescent Current
Up to 90% Efficiency at 10-µA Output Current
Power Save Mode Operation
Selectable Output Voltages
8 voltage options between 1.2 V to 3.3 V
Output Voltage Discharge
Low Output Voltage Ripple
Automatic Transition to No Ripple 100% Mode
RF Friendly DCS-Control™
Total Solution Size <10mm2
Small 1.6 mm × 0.9 mm, 8 Ball WCSP Package
2 Applications
Wearables
Fitness Tracker
Smart Watch
Health Monitoring
Bluetooth® Low Energy, RF4CE, Zigbee
High-efficiency, Ultra Low Power Applications
Energy Harvesting
3 Description
The TPS62743 is a high efficiency step down
converter with ultra low quiescent current of typical
360 nA. The device is optimized to operate with a
2.2-µH inductor and 10µF output capacitor. The
device uses DCS-Control™ and operates with a
typical switching frequency of 1.2 MHz. In Power
Save Mode the device extends the light load
efficiency down to a load current range of 10-µA and
below. TPS62743 provides an output current of 300
mA. Once started the device operates down to an
input voltage range of 2.0 V. This allows to operate
the device directly from a single Li-MnO2 coin cell.
The TPS62743 provides 8 programmable output
voltages between 1.2V and 3.3V selectable by three
selection pins. The TPS62743 is optimized to provide
a low output voltage ripple and low noise using a
small output capacitor. Once the input voltage comes
close to the output voltage the device enters the No
Ripple 100% mode to prevent an increase of output
ripple voltage. In this operation mode the device
stops switching and turns the high side MOSFET
switch on.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62743
DSBGA (8)
1.57 mm × 0.88 mm
TPS627431
DSBGA (8)
1.57 mm x 0.88 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application


Similar Part No. - TPS62743YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62743YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com