Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS627431YFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS627431YFPR
Description  300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS627431YFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS627431YFPR Datasheet HTML 2Page - Texas Instruments TPS627431YFPR Datasheet HTML 3Page - Texas Instruments TPS627431YFPR Datasheet HTML 4Page - Texas Instruments TPS627431YFPR Datasheet HTML 5Page - Texas Instruments TPS627431YFPR Datasheet HTML 6Page - Texas Instruments TPS627431YFPR Datasheet HTML 7Page - Texas Instruments TPS627431YFPR Datasheet HTML 8Page - Texas Instruments TPS627431YFPR Datasheet HTML 9Page - Texas Instruments TPS627431YFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
TPS62743, TPS627431
SLVSCQ0A – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS62743 TPS627431
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 3.6V, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
VIN is compared to the programmed output voltage (VOUT). When VIN–VOUT falls below VTH_100- the device enters 100% Mode by turning
the high side MOSFET on. The 100% Mode is exited when VIN–VOUT exceeds VTH_100+ and the device starts switching. The hysteresis
for the 100% Mode detection threshold VTH_100+ - VTH_100- will always be positive and will be approximately 50 mV(typ)
AUTO 100% MODE TRANSITION
VTH_100+
Auto 100% Mode
leave detection
threshold (1)
Rising VIN,100% Mode is left with VIN = VOUT + VTH_100+
150
250
350
mV
VTH_100-
Auto 100% Mode
enter detection
threshold (1)
Falling VIN, 100% Mode is entered with VIN = VOUT + VTH_100-
85
200
290
OUTPUT
ILIM_softstart
High side softstart
switch current limit
EN=low to high
80
150
200
mA
Low side softstart
switch current limit
150
VOUT
Output voltage
range
Output voltages are selected with pins VSEL 1 - 3
1.2
3.3
V
Output voltage
accuracy
IOUT = 10mA, VOUT = 1.8V
-2.5
0%
2.5
IOUT = 100mA, VOUT = 1.8V
–2
0%
2
DC output voltage
load regulation
VOUT = 1.8V
0.001
%/mA
DC output voltage
line regulation
VOUT = 1.8V, IOUT = 100mA, 2.2V ≤ VIN ≤ 5.0V
0
%/V
8.6 Timing Requirements
VIN = 3.6V, TJ = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
tONmin
Minimum ON time
VOUT = 2.0V, IOUT = 0 mA
225
ns
tOFFmin
Minimum OFF time VIN = 2.3V
50
ns
tStartup_delay
Regulator start up
delay time
From transition EN = low to high until device starts switching
10
25
ms
tSoftstart
Softstart time
2.2V
≤ VIN ≤ 5.5V, EN = VIN
700
1200
µs


Similar Part No. - TPS627431YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS627431YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com