Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61021A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61021A
Description  TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61021A Datasheet(HTML) 4 Page - Texas Instruments

  TPS61021A Datasheet HTML 1Page - Texas Instruments TPS61021A Datasheet HTML 2Page - Texas Instruments TPS61021A Datasheet HTML 3Page - Texas Instruments TPS61021A Datasheet HTML 4Page - Texas Instruments TPS61021A Datasheet HTML 5Page - Texas Instruments TPS61021A Datasheet HTML 6Page - Texas Instruments TPS61021A Datasheet HTML 7Page - Texas Instruments TPS61021A Datasheet HTML 8Page - Texas Instruments TPS61021A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TPS61021A
SLVSDM0 – JUNE 2016
www.ti.com
Product Folder Links: TPS61021A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
EN, FB
DC
–0.3
3.6
V
VIN, SW, VOUT
DC
–0.3
4.6
V
10% duty cycle
–0.3
4.8
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
0.5
4.4
V
VOUT
Output voltage setting range
1.8
4.0
V
L
Effective inductance range
0.2
0.47
1.3
µH
CIN
Effective input capacitance range
1.0
4.7
µF
COUT
Effective output capacitance range
IOUT ≤ 0.3 A
3.0
10
200
µF
IOUT > 0.3 A
10
20
200
µF
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS61021A
UNIT
DSG (WSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
71.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
95.2
°C/W
RθJB
Junction-to-board thermal resistance
41.6
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
42.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
13.0
°C/W


Similar Part No. - TPS61021A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021DSGR TI1-TPS61021DSGR Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021DSGT TI1-TPS61021DSGT Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
More results

Similar Description - TPS61021A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61023 TI1-TPS61023 Datasheet
1Mb / 28P
[Old version datasheet]   TPS61023 3-A Boost converter with 0.5-V ultra-low input voltage
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TLV61070A TI-TLV61070A Datasheet
2Mb / 23P
[Old version datasheet]   TLV61070A 2.5-A Boost Converter with 0.5-V Ultra-low Input Voltage
SEPTEMBER 2022
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com