Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62700 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62700
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62700_15 Datasheet HTML 5Page - Texas Instruments TPS62700_15 Datasheet HTML 6Page - Texas Instruments TPS62700_15 Datasheet HTML 7Page - Texas Instruments TPS62700_15 Datasheet HTML 8Page - Texas Instruments TPS62700_15 Datasheet HTML 9Page - Texas Instruments TPS62700_15 Datasheet HTML 10Page - Texas Instruments TPS62700_15 Datasheet HTML 11Page - Texas Instruments TPS62700_15 Datasheet HTML 12Page - Texas Instruments TPS62700_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0
20
40
60
80
100
120
140
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =55°C
A
T =-40°C
A
T =25°C
A
T =0°C
A
0.4
0.5
0.6
0.7
0.8
0.9
1
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =55°C
A
T =-40°C
A
T =25°C
A
T =0°C
A
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
I
-OutputCurrent- A
O
V
=1.3V
L =3.3 H,
DCR<100m
O
m
W
V =2.7V
I
V =3V
I
V =3.6V
I
V =4.2V
I
V =5.5V
I
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
I
-OutputCurrent- A
O
V =3.3V
I
V =4.2V
I
V =3.6V
I
V =5.5V
I
V
=3.09V
L =3.3 H,
DCR<100m
O
m
W
TPS62700, TPS62701
www.ti.com................................................................................................................................................... SLVS784B – DECEMBER 2007 – REVISED JUNE 2008
QUIESCENT CURRENT (IQ) INTO AVIN
EN HIGH THRESHOLD VOLTAGE
vs
vs
VIN
VIN
Figure 5.
Figure 6.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62700 TPS62701


Similar Part No. - TPS62700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700YZF TI-TPS62700YZF Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com