Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62692 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62692
Description  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62692 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62692_16 Datasheet HTML 3Page - Texas Instruments TPS62692_16 Datasheet HTML 4Page - Texas Instruments TPS62692_16 Datasheet HTML 5Page - Texas Instruments TPS62692_16 Datasheet HTML 6Page - Texas Instruments TPS62692_16 Datasheet HTML 7Page - Texas Instruments TPS62692_16 Datasheet HTML 8Page - Texas Instruments TPS62692_16 Datasheet HTML 9Page - Texas Instruments TPS62692_16 Datasheet HTML 10Page - Texas Instruments TPS62692_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS62692, TPS62693
TPS62694, TPS62698
www.ti.com
SLVSAZ1 – DECEMBER 2012
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
vs Load current (TPS62693, VOUT = 2.85V)
3, 4
vs Load current (TPS62698, VOUT = 3.0V)
5
η
Efficiency
vs Load current (TPS62692, VOUT = 2.2V)
6, 7
vs Input voltage (TPS62693, VOUT = 2.85V)
8
vs Input voltage (TPS62692, VOUT = 2.2V)
9
Peak-to-peak output ripple voltage
vs Load current
10, 11
Combined line/load transient
12
response
TPS62693, VOUT = 2.85V
13, 14, 15
Load transient response
TPS62692, VOUT = 2.2V
16, 17
TPS62693, VOUT = 2.85V
18, 19
AC load transient response
TPS62692, VOUT = 2.2V
20, 21
vs Load current, TPS62693, VOUT = 2.85V (MODE =
22
low)
VO
DC output voltage
vs Load current, TPS62692, VOUT = 2.2V (MODE = hi)
23, 24
vs Load current, TPS62693, VOUT = 2.2V (MODE = low)
25
PFM/PWM boundaries
vs Input voltage (TPS62693, VOUT = 2.85V)
26
IQ
Quiescent current
vs Input voltage
27
PWM switching frequency
vs Input voltage (TPS62693, VOUT = 2.85V)
28
fs
PFM switching frequency
vs Load current (TPS62693, VOUT = 2.85V)
29
P-channel MOSFET rDS(on)
vs Input voltage
30
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
31
PWM operation
TPS62693, VOUT = 2.85V
32
Power-save mode operation
TPS62693, VOUT = 2.85V
33
Spread Spectrum Frequency
TPS62692, VOUT = 2.2V
34
Modulation
Start-up
TPS62693, VOUT = 2.85V
35, 36
Shut-Down
TPS62693, VOUT = 2.85V
37
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Similar Part No. - TPS62692_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62692_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com