Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60401-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401-Q1
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60401-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60401-Q1 Datasheet HTML 1Page - Texas Instruments TPS60401-Q1 Datasheet HTML 2Page - Texas Instruments TPS60401-Q1 Datasheet HTML 3Page - Texas Instruments TPS60401-Q1 Datasheet HTML 4Page - Texas Instruments TPS60401-Q1 Datasheet HTML 5Page - Texas Instruments TPS60401-Q1 Datasheet HTML 6Page - Texas Instruments TPS60401-Q1 Datasheet HTML 7Page - Texas Instruments TPS60401-Q1 Datasheet HTML 8Page - Texas Instruments TPS60401-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS60400Q1, TPS60401Q1, TPS60402Q1, TPS60403Q1
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SGLS246A − JUNE 2004 − REVISED JUNE 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
efficiency considerations
The power efficiency of a switched-capacitor voltage converter is affected by three factors: the internal losses
in the converter IC, the resistive losses of the capacitors, and the conversion losses during charge transfer
between the capacitors. The internal losses are associated with the IC’s internal functions, such as driving the
switches, oscillator, etc. These losses are affected by operating conditions such as input voltage, temperature,
and frequency. The next two losses are associated with the voltage converter circuit’s output resistance. Switch
losses occur because of the on-resistance of the MOSFET switches in the IC. Charge-pump capacitor losses
occur because of their ESR. The relationship between these losses and the output resistance is as follows:
PCAPACITOR LOSSES + PCONVERSION LOSSES = IO2 × RO
RSWITCH = resistance of a single MOSFET-switch inside the converter
fOSC = oscillator frequency
The first term is the effective resistance from an ideal switched-capacitor circuit. Conversion losses occur during
the charge transfer between C(fly) and CO when there is a voltage difference between them. The power loss is:
P
CONV.LOSS +
1
2
C
(fly)
V 2
I *
V 2
O
) 1
2
C
O
V
2
RIPPLE *
2V
O
V
RIPPLE
ƒosc
The efficiency of the TPS6040x devices is dominated by their quiescent supply current at low output current and
by their output impedance at higher current.
h ^
I
O
I
O )
I
Q
1
*
I
O
R
O
V
I
Where, IQ = quiescent current.
capacitor selection
To maintain the lowest output resistance, use capacitors with low ESR (see Table 1). The charge-pump output
resistance is a function of C(fly)’s and CO’s ESR. Therefore, minimizing the charge-pump capacitor’s ESR
minimizes the total output resistance. The capacitor values are closely linked to the required output current and
the output noise and ripple requirements. It is possible to only use 1-
µF capacitors of the same type.
input capacitor (CI)
Bypass the incoming supply to reduce its ac impedance and the impact of the TPS6040x switching noise. The
recommended bypassing depends on the circuit configuration and where the load is connected. When the
inverter is loaded from OUT to GND, current from the supply switches between 2 x IO and zero. Therefore, use
a large bypass capacitor (e.g., equal to the value of C(fly)) if the supply has high ac impedance. When the inverter
is loaded from IN to OUT, the circuit draws 2
× IO constantly, except for short switching spikes. A 0.1-µF bypass
capacitor is sufficient.
flying capacitor (C(fly))
Increasing the flying capacitor’s size reduces the output resistance. Small values increases the output
resistance. Above a certain point, increasing C(fly)’s capacitance has a negligible effect, because the output
resistance becomes dominated by the internal switch resistance and capacitor ESR.
(2)


Similar Part No. - TPS60401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60401 TI-TPS60401 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401 TI-TPS60401 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
TPS60401DBV TI-TPS60401DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVR TI1-TPS60401DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVRG4 TI1-TPS60401DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com