Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60243DGKTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60243DGKTG4
Description  TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60243DGKTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60243DGKTG4 Datasheet HTML 3Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 4Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 5Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 6Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 7Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 8Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 9Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 10Page - Texas Instruments TPS60243DGKTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Oscillator
180°
Control
Circuit With
Thermal and
Overload
Protection
Reference
_
+
Charge Pump 1
Charge Pump 2
VIN
C1+
C1–
C1
C2+
C2–
C2
VOUT
GND
EN
TPS60240, TPS60241, TPS60242, TPS60243
www.ti.com
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The TPS6024x device is a fixed-frequency, dual-phase charge pump that provides 25 mA of continuous supply
current for low-noise applications such as VCOs used in mobile phones and wireless applications.
Low-noise operation results from using a proprietary dual-phase charge pump topology that relies on an
operational amplifier in the feedback loop to reduce ripple. During the first phase, C1 is charged to the supply
voltage. Pin C1+ is connected to VIN, and C1– is connected to GND. In the second phase, C1– is connected to the
output of the operational amplifier, and C1+ is connected to VOUT. The operational amplifier then adjusts its output
until the output VOUT delivers the correct voltage to make the resistor divided feedback point equal to the
reference voltage. During this second phase, C2 is charged to supply voltage. Terminal C2– is connected to GND,
and C2+ is connected to VIN. Phase one is then repeated with C2, now acting to provide charge to the output in
place of C1, which is connected to the supply. The dual-phase operation lowers the output ripple voltage
significantly compared to a standard single-phase charge pump. In addition, the linear feedback of the
operational amplifier eliminates the ripple during discharge of the output capacitor (COUT).
7.2 Functional Block Diagram
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Similar Part No. - TPS60243DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60243DGKT TI-TPS60243DGKT Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Similar Description - TPS60243DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com