Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60400-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS60400-Q1
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60400-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS60400-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS60400-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS60400Q1, TPS60401Q1, TPS60402Q1, TPS60403Q1
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SGLS246A − JUNE 2004 − REVISED JUNE 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CFLY+
5
Positive terminal of the flying capacitor C(fly)
CFLY−
3
Negative terminal of the flying capacitor C(fly)
GND
4
Ground
IN
2
I
Supply input. Connect to an input supply in the 1.6-V to 5.5-V range. Bypass IN to GND with a capacitor that has the
same value as the flying capacitor.
OUT
1
O
Power output with VO = −VI
Bypass OUT to GND with the output filter capacitor CO.
detailed description
operating principle
The TPS60400, TPS60401 charge pumps invert the voltage applied to their input. For the highest performance,
use low equivalent series resistance (ESR) capacitors (e.g., ceramic). During the first half-cycle, switches S2
and S4 open, switches S1 and S3 close, and capacitor (C(fly)) charges to the voltage at VI. During the second
half-cycle, S1 and S3 open, S2 and S4 close. This connects the positive terminal of C(fly) to GND and the
negative to VO. By connecting C(fly) in parallel, CO is charged negative. The actual voltage at the output is more
positive than −VI, since switches S1–S4 have resistance and the load drains charge from CO.
C(fly)
1
µF
S2
S1
S3
S4
CO
1
µF
VO (−VI)
GND
VI
GND
Figure 1. Operating Principle
charge-pump output resistance
The TPS6040x devices are not voltage regulators. The charge pumps output source resistance is
approximately 15
Ω at room temperature (with VI = 5 V), and VO approaches –5 V when lightly loaded. VO will
droop toward GND as load current increases.
VO = −(VI – RO × IO)
R
O [
1
ƒosc
C
(fly)
) 4 2R
SWITCH )
ESR
CFLY )
ESR
CO
RO = output resistance of the converter
(1)


Similar Part No. - TPS60400-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60400-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com