Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60252RTET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60252RTET
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60252RTET Datasheet(HTML) 5 Page - Texas Instruments

  TPS60252RTET Datasheet HTML 1Page - Texas Instruments TPS60252RTET Datasheet HTML 2Page - Texas Instruments TPS60252RTET Datasheet HTML 3Page - Texas Instruments TPS60252RTET Datasheet HTML 4Page - Texas Instruments TPS60252RTET Datasheet HTML 5Page - Texas Instruments TPS60252RTET Datasheet HTML 6Page - Texas Instruments TPS60252RTET Datasheet HTML 7Page - Texas Instruments TPS60252RTET Datasheet HTML 8Page - Texas Instruments TPS60252RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
FUNCTIONAL BLOCK DIAGRAM
5
DM5
6
DS1
7
DS2
11
10
9
8
DM 4
DM 3
DM 2
DM 1
GEAR
CONTROL
&
OPENLAMP
DETECTION
1X, 1.5XCHARGEPUMP
1
VOUT
13
14
15
16
C 1 -
C 2 +
C 2 -
C 1 +
2
VIN
I2C
INTERFACE
ENmain
MainDimming
ENsub 1
ENsub 2
SubDimming
ENaux
AUXDimming
SCLK
SDAT
4
3
6
6
6
12
GND
BIAS, TEST,& MONITORING
ENold
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TPS60250
TPS60252
www.ti.com............................................................................................................................................................ SLVS769C – APRIL 2007 – REVISED APRIL 2008
DESCRIPTION
REF
Efficiency vs Input Voltage, 4 Main LED - 15 mA, 25 mA
Figure 3
Efficiency
Efficiency vs Input Voltage, 2 Sub LED with Light Load Condition,
×1 Mode Operation
Figure 4
Switch Resistance vs Free-Air Temperature,
×1 Mode, I
LED = 230 mA
Figure 5
Switch Resistance vs Free-Air Temperature,
×1 Mode, I
LED = 100 mA
Figure 6
Output Impedance of
×1
and
×1.5 Mode
Switch Resistance vs Free-Air Temperature,
×1.5 Mode Charge Pump Open-Loop , I
LED = 230 mA
Figure 7
Switch Resistance vs Free-Air Temperature,
×1.5 Mode Charge Pump Open-Loop, I
LED = 100 mA
Figure 8
Shutdown Current
Shutdown Current vs Input Voltage
Figure 9
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS60250 TPS60252


Similar Part No. - TPS60252RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60252RTET TI-TPS60252RTET Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60252RTETG4 TI-TPS60252RTETG4 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60252RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com