Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUTA1V471S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUTA1V471S
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUTA1V471S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUTA1V471S Datasheet HTML 1Page - Panasonic Semiconductor EEUTA1V471S Datasheet HTML 2Page - Panasonic Semiconductor EEUTA1V471S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Endurance : 125 °C 2000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+125 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
50
10
8
11.5
180
0.950
0.6
3.5
5.0
EEUTA1H100( )
200
1000
22
8
11.5
250
0.650
0.6
3.5
5.0
EEUTA1H220( )
200
1000
33
8
11.5
300
0.450
0.6
3.5
5.0
EEUTA1H330( )
200
1000
47
8
11.5
440
0.350
0.6
3.5
5.0
EEUTA1H470S( )
200
1000
100
10
12.5
555
0.180
0.6
5.0
5.0
EEUTA1H101( )
200
500
220
10
20
930
0.100
0.6
5.0
5.0
EEUTA1H221( )
200
500
330
12.5
20
1330
0.070
0.6
5.0
5.0
EEUTA1H331( )
200
500
16
15
1450
0.088
0.8
7.5
7.5
EEUTA1H331S( )
100
250
470
12.5
25
1650
0.055
0.6
5.0
5.0
EEUTA1H471L( )
200
500
16
20
1650
0.053
0.8
7.5
7.5
EEUTA1H471( )
100
250
18
15
1710
0.075
0.8
7.5
7.5
EEUTA1H471S( )
100
250
1000
16
31.5
2430
0.031
0.8
7.5
EEUTA1H102
100
18
25
2350
0.032
0.8
7.5
7.5
EEUTA1H102S( )
100
250
63
22
8
11.5
310
0.470
0.6
3.5
5.0
EEUTA1J220( )
200
1000
33
10
12.5
410
0.360
0.6
5.0
5.0
EEUTA1J330( )
200
500
47
10
16
460
0.270
0.6
5.0
5.0
EEUTA1J470( )
200
500
100
10
20
680
0.205
0.6
5.0
5.0
EEUTA1J101( )
200
500
220
12.5
25
1325
0.100
0.6
5.0
5.0
EEUTA1J221L( )
200
500
16
20
1360
0.085
0.8
7.5
7.5
EEUTA1J221( )
100
250
18
15
1300
0.120
0.8
7.5
7.5
EEUTA1J221S( )
100
250
330
16
25
1660
0.070
0.8
7.5
7.5
EEUTA1J331( )
100
250
18
20
1760
0.077
0.8
7.5
7.5
EEUTA1J331S( )
100
250
470
16
31.5
2055
0.060
0.8
7.5
EEUTA1J471
100
18
25
1990
0.060
0.8
7.5
7.5
EEUTA1J471S( )
100
250
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping dimensions”.
Mar. 2016
04


Similar Part No. - EEUTA1V471S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUTA1V471S PANASONIC-EEUTA1V471S Datasheet
172Kb / 3P
   Radial Lead Type
More results

Similar Description - EEUTA1V471S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com