Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8442AYLFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8442AYLFT
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442AYLFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS8442AYLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS8442AYLFT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
8442AY
www.icst.com/products/hiperclocks.html
REV. C JULY 8, 2004
7
Integrated
Circuit
Systems, Inc.
ICS8442
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
odc & t
PERIOD
Cycle-to-Cycle Jitter
Period Jitter
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
nFOUT0, nFOUT1
FOUT0, FOUT1
nFOUT0,
nFOUT1
FOUT0,
FOUT1
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
V
OS /
∆∆∆∆∆VOS SETUP
VOD /
∆∆∆∆∆VOD SETUP
3.3V OUTPUT LOAD TEST CIRCUIT
out
out
LVDS
DC Input
VOS/∆ VOS
V
DD
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD
SCOPE
Qx
nQx
LVDS
3.3V±5%
Power Supply
+
-
Float GND
tcycle n
tcycle n+1
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles


Similar Part No. - ICS8442AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8442AYI ICST-ICS8442AYI Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
ICS8442AYILF ICST-ICS8442AYILF Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
ICS8442AYILFT ICST-ICS8442AYILFT Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
ICS8442AYIT ICST-ICS8442AYIT Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8442AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8442I ICST-ICS8442I Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
   700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442B RENESAS-ICS8442B Datasheet
533Kb / 17P
   700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442I-90 RENESAS-ICS8442I-90 Datasheet
340Kb / 20P
   700MHz, Crystal-to-LVDS Frequency Synthesizer
2019
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
   700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com