Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFCD0K330ER Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFCD0K330ER
Description  Conductive Polymer Aluminum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0K330ER Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFCD0K330ER Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0K330ER Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0K330ER Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-18 –
Standard Products
Series &
Size Code
Rated
Voltage
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
✽4
240 °C
260 °C
UD
4
120
7.3
4.3
2.8
3.0
15
EEFUD0G121ER
2000
7.3
4.3
2.8
3.4
12
EEFUD0G121XE
2000
150
7.3
4.3
2.8
3.0
15
EEFUD0G151ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0G151XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0G151LE
2000
180
7.3
4.3
2.8
2.5
18
EEFUD0G181ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0G181LE
2000
6.3
100
7.3
4.3
2.8
3.0
15
EEFUD0J101ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0J101XE
2000
120
7.3
4.3
2.8
3.0
15
EEFUD0J121ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0J121XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0J121LR
2000
150
7.3
4.3
2.8
2.5
18
EEFUD0J151ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0J151LR
2000
8
68
7.3
4.3
2.8
3.0
15
EEFUD0K680ER
2000
100
7.3
4.3
2.8
2.5
18
EEFUD0K101ER
2000
UE
2
270
7.3
4.3
4.2
3.3
12
EEFUE0D271ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D271XE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0D331ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D331XE
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0D391ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D391XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0D391LE
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0D471ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0D471XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0D471LE
2000
560
7.3
4.3
4.2
3.3
12
EEFUE0D561ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0D561LE
2000
2.5
220
7.3
4.3
4.2
3.3
12
EEFUE0E221ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E221XE
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0E271ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E271XE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0E331ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0E331XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0E331LE
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0E391ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0E391LE
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0E471ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0E471LE
2000
4
180
7.3
4.3
4.2
3.3
12
EEFUE0G181ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0G181XE
2000
220
7.3
4.3
4.2
3.3
12
EEFUE0G221ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0G221XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0G221LE
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0G271ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0G271LE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0G331ER
2000
6.3
150
7.3
4.3
4.2
3.3
12
EEFUE0J151ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0J151XE
2000
180
7.3
4.3
4.2
3.3
12
EEFUE0J181ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0J181XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0J181LR
2000
220
7.3
4.3
4.2
3.0
15
EEFUE0J221ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0J221LR
2000
8
100
7.3
4.3
4.2
3.3
12
EEFUE0K101ER
2000
150
7.3
4.3
4.2
3.0
15
EEFUE0K151ER
2000
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact Panasonic for details of allowable 240 °C reflow condition.
Reflow ✽3
<260 °C>
02 Mar. 2015


Similar Part No. - EEFCD0K330ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0K330ER PANASONIC-EEFCD0K330ER Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0K330ER PANASONIC-EEFCD0K330ER Datasheet
90Kb / 3P
   Surface Mount Type
EEFCD0K330ER PANASONIC-EEFCD0K330ER Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFCD0K330ER PANASONIC-EEFCD0K330ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEFCD0K330ER PANASONIC-EEFCD0K330ER Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFCD0K330ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFSL0D101ER PANASONIC-EEFSL0D101ER_15 Datasheet
64Kb / 1P
   Conductive Polymer Aluminum Capacitors
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXE33M PANASONIC-63SXE33M Datasheet
45Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors
16SEPG270W PANASONIC-16SEPG270W Datasheet
49Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
   Conductive Polymer Aluminum Solid Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com