Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60200DGSRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS60200DGSRG4
Description  TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60200DGSRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60200DGSRG4 Datasheet HTML 1Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 2Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS60200DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1
GND
10
PG
2
GND
9
EN
3
C1–
8
C2–
4
C1+
7
IN
5
OUT
6
C2+
1
LBI
10
LBO
2
GND
9
EN
3
C1–
8
C2–
4
C1+
7
IN
5
OUT
6
C2+
4
TPS60200, TPS60201, TPS60202, TPS60203
SLVS274A – MARCH 2000 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS60200 TPS60201 TPS60202 TPS60203
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
TPS60200 and TPS60202 DGS Package
10-Pin MSOP
Top View
TPS60201 and TPS60203 DGS Package
10-Pin MSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS60200,
TPS60202
TPS60201,
TPS60203
C1+
4
4
Positive terminal of the flying capacitor C1
C1–
3
3
Negative terminal of the flying capacitor C1
C2+
6
6
Positive terminal of the flying capacitor C2
C2–
8
8
Negative terminal of the flying capacitor C2
EN
9
9
I
Device-enable input. Three operating modes can be programmed with the EN pin.
EN = Low disables the device. Output and input are isolated in the shutdown mode
and the output capacitor is automatically discharged. EN = High lets the device run
from the internal oscillator. If an external clock signal is applied to the EN pin, the
device is in Sync–Mode and runs synchronized at the frequency of the external
clock signal.
GND
2
1, 2
Ground
IN
7
7
I
Supply input. Bypass IN to GND with a capacitor of the same size as CO.
LBI
1
I
Low-battery detector input for TPS60200 and TPS60202. A low-battery warning is
generated at the LBO pin when the voltage on LBI drops below the threshold of
1.18 V. Connect LBI to GND if the low-battery detector function is not used. For the
devices TPS60201 and TPS60203, this pin has to be connected to ground (GND
pin).
LBO
10
O
Open-drain low-battery detector output for TPS60200 and TPS60202. This pin is
pulled low if the voltage on LBI drops below the threshold of 1.18 V. A pullup
resistor should be connected between LBO and OUT or any other logic supply rail
that is lower than 3.6 V.
OUT
5
5
O
Regulated 3.3-V power output. Bypass OUT to GND with the output filter capacitor
CO.
PG
10
O
Open-drain power-good detector output for TPS60201 and TPS60203. As soon as
the voltage on OUT reaches about 90% of it is nominal value this pin goes active
high. A pullup resistor should be connected between PG and OUT or any other
logic supply rail that is lower than 3.6 V.


Similar Part No. - TPS60200DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60200DGS TI-TPS60200DGS Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results

Similar Description - TPS60200DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com