Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1EA220AP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEE1EA220AP
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1EA220AP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEE1EA220AP Datasheet HTML 1Page - Panasonic Semiconductor EEE1EA220AP Datasheet HTML 2Page - Panasonic Semiconductor EEE1EA220AP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Negative polarity marking (–)
22
6S
Capacitance (µF)
Rated voltage (V.DC)
(6=6.3 V.DC)
Series indentification
(S) or (A)
Mark for Lead-Free
products
(Black dot)
Lot number
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief (
010 and larger)
Endurance : 85 °C 2000 h
Vibration-proof product is available upon request. (08 mm and larger)
RoHS compliant
Features
Frequency correction factor for ripple current
Dimensions
Marking
Specifications
Surface Mount Type
Series : S Type : V
High temperature Lead-Free reflow (suffix : A
✽)
Example : 6.3 V.DC 22 µF
Marking color : BLACK
Category temperature range
–40 °C to +85 °C
Rated voltage range
6.3 V.DC to 50 V.DC
Capacitance range
1 µF to 1500 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
6.3
10
16
25
35
50
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
432222
Z(–40 °C)/Z(+20 °C)
864433
Endurance
After applying rated working voltage for 2000 hours (Miniaturization product type 1000 hours)
at +85 °C±2 °C and then being stabilized at +20 °C, Capacitors shall meer the following limits.
Capacitance change
Within ±20 % of the initial value
Size code
Cap. change
D8 (
06.3×7.7)
2000 hours ±25 %
< D (06.3) Miniature
1000 hours ±30 %
tan
d
< 200 % of the initial limit
DC leakege current
Within the initial limit
Shelf life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
AEC-Q200
AEC-Q200 compliant
Size
code
0D
L
A, B
H.
I
W
P
K
B
4.0
5.4 -0.2
4.3
5.5 max
1.8 0.65±0.1 1.0 0.35 -0.20
C
5.0
5.4 -0.2
5.3
6.5 max
2.2 0.65±0.1 1.5 0.35 -0.20
D
6.3
5.4 -0.2
6.6
7.8 max
2.6 0.65±0.1 1.8 0.35 -0.20
D8
6.3
7.7±0.3
6.6
7.8 max
2.6 0.65±0.1 1.8 0.35 -0.20
E
8.0
6.2±0.3
8.3
9.5 max
3.4 0.65±0.1 2.2 0.35 -0.20
F
8.0
10.2±0.3
8.3 10.0 max
3.4 0.90±0.2 3.1 0.70±0.20
G
10.0
10.2±0.3 10.3 12.0 max
3.5 0.90±0.2 4.6 0.70±0.20
+0.1
+0.1
+0.1
+0.15
+0.15
+0.15
+0.15
+0.15
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
(Unit : mm)
Mar. 2016
05


Similar Part No. - EEE1EA220AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1EA220AP PANASONIC-EEE1EA220AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1EA220AP PANASONIC-EEE1EA220AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1EA220AP PANASONIC-EEE1EA220AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors S
EEE1EA220AP PANASONIC-EEE1EA220AP Datasheet
80Kb / 3P
   Surface Mount Type
EEE1EA220AP PANASONIC-EEE1EA220AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1EA220AP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com