Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEE2C151 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUEE2C151
Description  Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2C151 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUEE2C151 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2C151 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2C151 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2C151 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Endurance : 105 °C
010=8000 h, 012.5 to 018=10000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
400
10
10
20
430
0.24
8000
0.6
5.0
5.0
EEUEE2G100( )
200
500
15
12.5
20
590
0.24
10000
0.6
5.0
5.0
EEUEE2G150( )
200
500
22
12.5
25
760
0.24
10000
0.6
5.0
5.0
EEUEE2G220( )
200
500
16
20
860
0.24
10000
0.8
7.5
7.5
EEUEE2G220S( )
100
250
33
16
20
1020
0.24
10000
0.8
7.5
7.5
EEUEE2G330S( )
100
250
47
16
25
1180
0.24
10000
0.8
7.5
7.5
EEUEE2G470( )
100
250
18
20
1180
0.24
10000
0.8
7.5
7.5
EEUEE2G470S( )
100
250
68
18
25
1470
0.24
10000
0.8
7.5
7.5
EEUEE2G680( )
100
250
82
18
31.5
1645
0.24
10000
0.8
7.5
EEUEE2G820
50
100
18
40
2060
0.24
10000
0.8
7.5
EEUEE2G101
50
450
10
10
20
330
0.24
8000
0.6
5.0
5.0
EEUEE2W100U( )
200
500
12.5
20
490
0.24
10000
0.6
5.0
5.0
EEUEE2W100( )
200
500
15
12.5
25
780
0.24
10000
0.6
5.0
5.0
EEUEE2W150( )
200
500
22
16
20
945
0.24
10000
0.8
7.5
7.5
EEUEE2W220S( )
100
250
33
16
25
1000
0.24
10000
0.8
7.5
7.5
EEUEE2W330( )
100
250
18
20
1000
0.24
10000
0.8
7.5
7.5
EEUEE2W330S( )
100
250
47
16
31.5
1200
0.24
10000
0.8
7.5
EEUEE2W470
100
18
25
1200
0.24
10000
0.8
7.5
7.5
EEUEE2W470S( )
100
250
56
18
31.5
1380
0.24
10000
0.8
7.5
EEUEE2W560
50
68
18
40
1800
0.24
10000
0.8
7.5
EEUEE2W680
50
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping dimensions”.
Mar. 2016
03


Similar Part No. - EEUEE2C151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2C151 PANASONIC-EEUEE2C151 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2C151 PANASONIC-EEUEE2C151 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2C151 PANASONIC-EEUEE2C151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2C151 PANASONIC-EEUEE2C151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEUEE2C151 PANASONICBATTERY-EEUEE2C151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2C151

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com