Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS622314DRYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS622314DRYT
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS622314DRYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS622314DRYT Datasheet HTML 2Page - Texas Instruments TPS622314DRYT Datasheet HTML 3Page - Texas Instruments TPS622314DRYT Datasheet HTML 4Page - Texas Instruments TPS622314DRYT Datasheet HTML 5Page - Texas Instruments TPS622314DRYT Datasheet HTML 6Page - Texas Instruments TPS622314DRYT Datasheet HTML 7Page - Texas Instruments TPS622314DRYT Datasheet HTML 8Page - Texas Instruments TPS622314DRYT Datasheet HTML 9Page - Texas Instruments TPS622314DRYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (RθJA), as given by the following equation: TA(max) = TJ(max) – (RθJA × PD(max)).
(2)
The minimum required supply voltage for startup is 2.05 V. The part is functional down to the falling undervoltage lockout (UVL)
threshold.
(3)
For a voltage difference between minimum VIN and VOUT of ≥ 1 V
(4)
Typical value applies for TA = 25°C, maximum value applies for TJ ≤ 125°C, PCB layout must support proper thermal performance.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Supply voltage VIN
(2)
2.05
6
V
Effective inductance
2.2
μH
Effective capacitance
2
4.7
μF
Recommended minimum
supply voltage
VOUT ≤ VIN –1 V
(3)
500 mA maximum IOUT
(4)
3
3.6
V
350 mA maximum IOUT
(4)
2.5
2.7
VOUT ≤ 1.8 V
60 mA maximum output current(4)
2.05
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS6223x
UNIT
DRY (USON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
294.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
166.5
°C/W
RθJB
Junction-to-board thermal resistance
166.1
°C/W
ψJT
Junction-to-top characterization parameter
27.3
°C/W
ψJB
Junction-to-board characterization parameter
159.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - TPS622314DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS622314 TI-TPS622314 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622314 TI1-TPS622314 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622314-Q1 TI1-TPS622314-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622314TDRYRQ1 TI1-TPS622314TDRYRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622314TDRYRQ1 TI1-TPS622314TDRYRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
More results

Similar Description - TPS622314DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com