Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1C220AR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFK1C220AR
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1C220AR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFK1C220AR Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1C220AR Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 2000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
22
4
5.8
B
90
1.35
0.26
EEEFK0J220AR
(5)
2000
47
45.8
(B)
90
1.35
0.26
EEEFKJ470UAR
(5)
2000
5
5.8
C
160
0.70
0.26
EEEFK0J470AR
(5)
1000
100
5
5.8
(C)
160
0.70
0.26
EEEFKJ101UAR
(5)
1000
6.3
5.8
D
240
0.36
0.26
EEEFK0J101AP
(5)
1000
220
6.3
5.8
D
240
0.36
0.26
EEEFK0J221AP
(5)
1000
330
6.3
7.7
D8
280
0.34
0.26
EEEFKJ331XAP
(5)
900
8
6.2
E
300
0.26
0.26
EEEFK0J331AP
(6)
1000
470
8
10.2
F
600
0.16
0.26
EEEFK0J471AP
(6)
500
1000
8
10.2
F
600
0.16
0.26
EEEFK0J102AP
(6)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152AP
(6)
500
10
22
4
5.8
B
90
1.35
0.19
EEEFK1A220AR
(5)
2000
33
45.8
(B)
90
1.35
0.19
EEEFKA330UAR
(5)
2000
5
5.8
C
160
0.70
0.19
EEEFK1A330AR
(5)
1000
150
6.3
5.8
D
240
0.36
0.19
EEEFK1A151AP
(5)
1000
220
6.3
7.7
D8
280
0.34
0.19
EEEFKA221XAP
(5)
900
8
6.2
E
300
0.26
0.19
EEEFK1A221AP
(6)
1000
330
8
10.2
F
600
0.16
0.19
EEEFK1A331AP
(6)
500
470
8
10.2
F
600
0.16
0.19
EEEFK1A471AP
(6)
500
680
8
10.2
F
600
0.16
0.19
EEEFK1A681AP
(6)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102AP
(6)
500
16
10
4
5.8
B
90
1.35
0.16
EEEFK1C100AR
(5)
2000
22
45.8
(B)
90
1.35
0.16
EEEFKC220UAR
(5)
2000
5
5.8
C
160
0.70
0.16
EEEFK1C220AR
(5)
1000
47
5
5.8
(C)
160
0.70
0.16
EEEFKC470UAR
(5)
1000
6.3
5.8
D
240
0.36
0.16
EEEFK1C470AP
(5)
1000
68
6.3
5.8
D
240
0.36
0.16
EEEFK1C680AP
(5)
1000
100
6.3
5.8
D
240
0.36
0.16
EEEFK1C101AP
(5)
1000
150
6.3
7.7
D8
280
0.34
0.16
EEEFKC151XAP
(5)
900
220
6.3
7.7
D8
280
0.34
0.16
EEEFKC221XAP
(5)
900
8
6.2
E
300
0.26
0.16
EEEFK1C221AP
(6)
1000
330
8
10.2
F
600
0.16
0.16
EEEFK1C331AP
(6)
500
470
8
10.2
F
600
0.16
0.16
EEEFK1C471AP
(6)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681AP
(6)
500
25
10
4
5.8
B
90
1.35
0.14
EEEFK1E100AR
(5)
2000
22
5
5.8
C
160
0.70
0.14
EEEFK1E220AR
(5)
1000
33
5
5.8
(C)
160
0.70
0.14
EEEFKE330UAR
(5)
1000
6.3
5.8
D
240
0.36
0.14
EEEFK1E330AP
(5)
1000
47
6.3
5.8
D
240
0.36
0.14
EEEFK1E470AP
(5)
1000
68
6.3
5.8
D
240
0.36
0.14
EEEFK1E680AP
(5)
1000
100
6.3
7.7
D8
280
0.34
0.14
EEEFKE101XAP
(5)
900
8
6.2
E
300
0.26
0.14
EEEFK1E101AP
(6)
1000
150
8
10.2
F
600
0.16
0.14
EEEFK1E151AP
(6)
500
220
8
10.2
F
600
0.16
0.14
EEEFK1E221AP
(6)
500
330
8
10.2
F
600
0.16
0.14
EEEFK1E331AP
(6)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471AP
(6)
500
35
4.7
4
5.8
B
90
1.35
0.12
EEEFK1V4R7AR
(5)
2000
10
45.8
(B)
90
1.35
0.12
EEEFKV100UAR
(5)
2000
5
5.8
C
160
0.70
0.12
EEEFK1V100AR
(5)
1000
22
5
5.8
C
160
0.70
0.12
EEEFK1V220AR
(5)
1000
33
6.3
5.8
D
240
0.36
0.12
EEEFK1V330AP
(5)
1000
47
6.3
5.8
D
240
0.36
0.12
EEEFK1V470AP
(5)
1000
68
6.3
7.7
D8
280
0.34
0.12
EEEFKV680XAP
(5)
900
100
6.3
7.7
D8
280
0.34
0.12
EEEFKV101XAP
(5)
900
8
10.2
F
600
0.16
0.12
EEEFK1V101AP
(6)
500
150
8
10.2
F
600
0.16
0.12
EEEFK1V151AP
(6)
500
220
8
10.2
F
600
0.16
0.12
EEEFK1V221AP
(6)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331AP
(6)
500
✽ Size code( ) : Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
→ J, 1A → A, 1C → C, 1E → E, 1V → V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Characteristics list
Mar. 2016
04


Similar Part No. - EEEFK1C220AR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1C220AR PANASONIC-EEEFK1C220AR Datasheet
137Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFK1C220AR PANASONIC-EEEFK1C220AR Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1C220AR PANASONIC-EEEFK1C220AR Datasheet
247Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C220AR PANASONIC-EEEFK1C220AR Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1C220AR PANASONIC-EEEFK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK1C220AR

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com