Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEHB0J470R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEHB0J470R
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHB0J470R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEHB0J470R Datasheet HTML 1Page - Panasonic Semiconductor EEEHB0J470R Datasheet HTML 2Page - Panasonic Semiconductor EEEHB0J470R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Characteristics list (Bi-polar)
Characteristics list (5.5 mm max.)
Endurance : 105 °C 2000 h
Endurance : 105 °C 2000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
22
4
5.4
B
26
0.30
EEEHB0J220SR
(1)
2000
47
5
5.4
C
46
0.30
EEEHB0J470SR
(1)
1000
100
6.3
5.4
D
71
0.30
EEEHB0J101SP
(1)
1000
10
33
5
5.4
C
43
0.22
EEEHB1A330SR
(1)
1000
16
10
4
5.4
B
28
0.16
EEEHB1C100SR
(1)
2000
22
5
5.4
C
39
0.16
EEEHB1C220SR
(1)
1000
47
6.3
5.4
D
70
0.16
EEEHB1C470SP
(1)
1000
25
4.7
4
5.4
B
22
0.14
EEEHB1E4R7SR
(1)
2000
6.8
4
5.4
B
25
0.14
EEEHB1E6R8SR
(1)
2000
33
6.3
5.4
D
65
0.14
EEEHB1E330SP
(1)
1000
35
10
5
5.4
C
28
0.12
EEEHB1V100SR
(1)
1000
22
6.3
5.4
D
55
0.12
EEEHB1V220SP
(1)
1000
50
14
5.4
B
10
0.12
EEEHB1H1R0SR
(1)
2000
2.2
4
5.4
B
16
0.12
EEEHB1H2R2SR
(1)
2000
3.3
4
5.4
B
16
0.12
EEEHB1H3R3SR
(1)
2000
4.7
5
5.4
C
23
0.12
EEEHB1H4R7SR
(1)
1000
6.8
5
5.4
C
23
0.12
EEEHB1H6R8SR
(1)
1000
10
6.3
5.4
D
35
0.12
EEEHB1H100SP
(1)
1000
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
47
6.3
5.8
D
35
0.60
EEEHP0J470P
(1)
1000
10
10
4
5.8
B
20
0.44
EEEHP1A100R
(1)
2000
33
6.3
5.8
D
26
0.44
EEEHP1A330P
(1)
1000
16
10
5
5.8
C
25
0.32
EEEHP1C100R
(1)
1000
25
3.3
4
5.8
B
12
0.28
EEEHP1E3R3R
(1)
2000
4.7
4
5.8
B
12
0.28
EEEHP1E4R7R
(1)
2000
10
6.3
5.8
D
28
0.28
EEEHP1E100P
(1)
1000
22
6.3
5.8
D
55
0.28
EEEHP1E220P
(1)
1000
35
2.2
4
5.8
B
10
0.24
EEEHP1V2R2R
(1)
2000
50
14
5.8
B
10
0.24
EEEHP1H1R0R
(1)
2000
3.3
6.3
5.8
D
16
0.24
EEEHP1H3R3P
(1)
1000
4.7
6.3
5.8
D
23
0.24
EEEHP1H4R7P
(1)
1000
Mar. 2016
03


Similar Part No. - EEEHB0J470R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHB0J470R PANASONIC-EEEHB0J470R Datasheet
162Kb / 3P
   Surface Mount Type
EEEHB0J470R PANASONIC-EEEHB0J470R Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
More results

Similar Description - EEEHB0J470R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com