Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFTA331XAP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFTA331XAP
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFTA331XAP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFTA331XAP Datasheet HTML 1Page - Panasonic Semiconductor EEEFTA331XAP Datasheet HTML 2Page - Panasonic Semiconductor EEEFTA331XAP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 2000 h
✽ Size code( ) : Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
→ J, 1A → A, 1C → C, 1E → E, 1V → V, 1H → H
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Rated
voltage
(V.DC)
Cap.
(±20 %)
(μF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
ESR
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
100
4
5.8
B
160
0.85
0.26
EEEFT0J101AR
(5)
2000
220
5
5.8
C
240
0.36
0.26
EEEFT0J221AR
(5)
1000
330
6.3
5.8
D
300
0.26
0.26
EEEFT0J331AP
(5)
1000
470
6.3
7.7
D8
600
0.16
0.26
EEEFTJ471XAP
(5)
900
680
6.3
7.7
D8
600
0.16
0.26
EEEFTJ681XAP
(5)
900
1500
8
10.2
F
850
0.08
0.26
EEEFT0J152AP
(6)
500
2200
10
10.2
G
1190
0.06
0.28
EEEFT0J222AP
(6)
500
10
68
4
5.8
B
160
0.85
0.19
EEEFT1A680AR
(5)
2000
150
5
5.8
C
240
0.36
0.19
EEEFT1A151AR
(5)
1000
220
6.3
5.8
D
300
0.26
0.19
EEEFT1A221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.19
EEEFTA331XAP
(5)
900
470
6.3
7.7
D8
600
0.16
0.19
EEEFTA471XAP
(5)
900
1000
8
10.2
F
850
0.08
0.19
EEEFT1A102AP
(6)
500
1500
10
10.2
G
1190
0.06
0.19
EEEFT1A152AP
(6)
500
16
47
4
5.8
B
160
0.85
0.16
EEEFT1C470AR
(5)
2000
68
5
5.8
C
240
0.36
0.16
EEEFT1C680AR
(5)
1000
100
5
5.8
C
240
0.36
0.16
EEEFT1C101AR
(5)
1000
150
6.3
5.8
D
300
0.26
0.16
EEEFT1C151AP
(5)
1000
220
6.3
5.8
D
300
0.26
0.16
EEEFT1C221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.16
EEEFTC331XAP
(5)
900
680
8
10.2
F
850
0.08
0.16
EEEFT1C681AP
(6)
500
1000
10
10.2
G
1190
0.06
0.16
EEEFT1C102AP
(6)
500
25
22
4
5.8
B
160
0.85
0.14
EEEFT1E220AR
(5)
2000
33
4
5.8
B
160
0.85
0.14
EEEFT1E330AR
(5)
2000
47
5
5.8
C
240
0.36
0.14
EEEFT1E470AR
(5)
1000
68
5
5.8
C
240
0.36
0.14
EEEFT1E680AR
(5)
1000
100
6.3
5.8
D
300
0.26
0.14
EEEFT1E101AP
(5)
1000
150
6.3
7.7
D8
600
0.16
0.14
EEEFTE151XAP
(5)
900
220
6.3
7.7
D8
600
0.16
0.14
EEEFTE221XAP
(5)
900
470
8
10.2
F
850
0.08
0.14
EEEFT1E471AP
(6)
500
820
10
10.2
G
1190
0.06
0.14
EEEFT1E821AP
(6)
500
35
22
4
5.8
B
160
0.85
0.12
EEEFT1V220AR
(5)
2000
33
5
5.8
C
240
0.36
0.12
EEEFT1V330AR
(5)
1000
47
5
5.8
C
240
0.36
0.12
EEEFT1V470AR
(5)
1000
68
6.3
5.8
D
300
0.26
0.12
EEEFT1V680AP
(5)
1000
100
6.3
5.8
D
300
0.26
0.12
EEEFT1V101AP
(5)
1000
150
6.3
7.7
D8
600
0.16
0.12
EEEFTV151XAP
(5)
900
330
8
10.2
F
850
0.08
0.12
EEEFT1V331AP
(6)
500
560
10
10.2
G
1190
0.06
0.12
EEEFT1V561AP
(6)
500
50
10
45.8
(B)
85
2.30
0.10
EEEFTH100UAR
(5)
2000
5
5.8
C
165
0.88
0.10
EEEFT1H100AR
(5)
1000
22
5
5.8
C
165
0.88
0.10
EEEFT1H220AR
(5)
1000
47
6.3
5.8
D
195
0.68
0.10
EEEFT1H470AP
(5)
1000
100
6.3
7.7
D8
350
0.34
0.10
EEEFTH101XAP
(5)
900
220
8
10.2
F
670
0.18
0.10
EEEFT1H221AP
(6)
500
330
10
10.2
G
900
0.12
0.10
EEEFT1H331AP
(6)
500
Characteristics list
Feb. 2016
04


Similar Part No. - EEEFTA331XAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFTA331XAP PANASONIC-EEEFTA331XAP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFTA331XAP PANASONIC-EEEFTA331XAP Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Pacific Silicon Sensor,...
EEEFTA331XAP PACIFIC-EEEFTA331XAP Datasheet
77Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Panasonic Semiconductor
EEEFTA331XAP PANASONIC-EEEFTA331XAP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFTA331XAP PANASONIC-EEEFTA331XAP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
More results

Similar Description - EEEFTA331XAP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com