Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62171QDSGRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62171QDSGRQ1
Description  3-V to17-V 0.5-A Step-Down Converters with DCS-Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62171QDSGRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62171QDSGRQ1 Datasheet HTML 5Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 6Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 7Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 8Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 9Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 10Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 11Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 12Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
(
)
L
)
on
(
DS
OUT
(min)
OUT
(min)
IN
R
R
I
V
V
+
+
=
ON
OUT
IN
peak
LPSM
t
L
V
V
I
×
-
=
)
(
)
(
ns
V
V
t
IN
OUT
ON
420
×
=
9
TPS62170-Q1, TPS62171-Q1, TPS62172-Q1
www.ti.com
SLVSCK7A – DECEMBER 2014 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62170-Q1 TPS62171-Q1 TPS62172-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2 Power Save Mode Operation
The TPS6217x-Q1's built in Power Save Mode will be entered seamlessly, if the load current decreases. This
secures a high efficiency in light load operation. The device remains in Power Save Mode as long as the inductor
current is discontinuous.
In Power Save Mode the switching frequency decreases linearly with the load current maintaining high efficiency.
The transition into and out of Power Save Mode happens within the entire regulation scheme and is seamless in
both directions.
The TPS6217x-Q1 includes a fixed on-time circuitry. This on-time, in steady-state operation, can be estimated
as:
space
(1)
space
For very small output voltages, the on-time increases beyond the result of Equation 1, to stay above an absolute
minimum on-time, tON(min), which is around 80 ns to limit switching losses. The peak inductor current in PSM can
be approximated by:
space
(2)
space
When VIN decreases to typically 15% above VOUT, the TPS62170-Q1 does not enter Power Save Mode,
regardless of the load current. The device maintains output regulation in PWM mode.
7.4.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D = Vout/Vin and increases as the input voltage comes close to
the output voltage. In this case, the device starts 100% duty cycle operation turning on the high-side switch
100% of the time. The high-side switch stays turned on as long as the output voltage is below the internal
setpoint. This allows the conversion of small input to output voltage differences, e.g. for longest operation time of
battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
space
(3)
where
IOUT is the output current,
RDS(on) is the RDS(on) of the high-side FET and
RL is the DC resistance of the inductor used.
space
7.4.4 Current Limit and Short Circuit Protection
The TPS6217x-Q1 devices are protected against heavy load and short circuit events. At heavy loads, the current
limit determines the maximum output current. If the current limit is reached, the high-side FET will be turned off.
Avoiding shoot through current, the low-side FET is then switched on to allow the inductor current to decrease.
The high-side FET will turn on again, only if the current in the low-side FET has decreased below the low side
current limit threshold.


Similar Part No. - TPS62171QDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62171 TI1-TPS62171 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSG TI1-TPS62171DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62171DSGT TI1-TPS62171DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62171QDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com