Electronic Components Datasheet Search |
|
SH10-48-15S Datasheet(PDF) 2 Page - Arch Electronics Corp. |
|
SH10-48-15S Datasheet(HTML) 2 Page - Arch Electronics Corp. |
2 / 3 page VER : B_0 update : 2012.01.20 Encapsulated DC-DC Converter SH10 SERIES 10 Watts http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319 -2- Model No. ( Dual Output ) SH10-12-5D SH10-12-12D SH10-12-15D Input Voltage (V.DC.) 12V (9-18V) 12V (9-18V) 12V (9-18V) Output Voltage (V.DC.) ±5V / ±1000mA ±12 / ±416mA ±15 / ±333mA Efficiency (typ.) 83% 86% 86% Capacitor Load (max) ±1200 μF ±330 μF ±120 μF Model No. ( Dual Output ) SH10-24-5D SH10-24-12D SH10-24-15D Input Voltage (V.DC.) 24V (18-36V) 24V (18-36V) 24V (18-36V) Output Voltage (V.DC.) ±5V / ±1000mA ±12 / ±416mA ±15 / ±333mA Efficiency (typ.) 83% 87% 86% Capacitor Load (max) ±1200 μF ±470 μF ±330 μF Model No. ( Dual Output ) SH10-48-5D SH10-48-12D SH10-48-15D Input Voltage (V.DC.) 48V (36-75V) 48V (36-75V) 48V (36-75V) Output Voltage (V.DC.) ±5V / ±1000mA ±12 / ±416mA ±15 / ±333mA Efficiency (typ.) 82% 87% 86% Capacitor Load (max) ±1200 μF ±470 μF ±330 μF Model No. ( Dual Output ) SH10-12-5D SH10-24-5D SH10-48-5D SH10-12-12D SH10-24-12D SH10-48-12D SH10-12-15D SH10-24-15D SH10-48-15D Max Output Wattage (W) 10W Input Input Filter L-C type Voltage (V.DC.) ±5 ±12 ±15 Voltage Accuracy ±2% Current (mA) max ±1000 ±416 ±333 Line Regulation (LL-HL) (typ.) ±0.5% Load Regulation (10-100%) (typ.) ±1% ±1% ±1% Minimum Load 0% Ripple <0.2% Vout +20mV max (Vp-p) Noise <0.5% Vout +50mV max (Vp-p) Output Switching Frequency 300KHz Over Power Protection Works over 120% of rating and recovers automatically. Protection Short Circuit Protection Current limit, auto-recovery Voltage 1600 VDC. Resistance 10 8 ohms Isolation Capacitance 1000 pF Operating Temperature -25°C…+60°C (at Full Load) Storage Temperature -55°C…+105°C Case Temperature +100°C max. Temperature Coefficient ±0.02% Per°C Humidity 95% RH Environment MTBF >800,000 h @ 25°C (MIL-HDBK-217F) Dimension (L x W x H) 1.25 x 0.8 x 0.44 Inches ( 31.8 x 20.3 x 11.2 mm ) Tolerance ±0.5 mm Case Material Nickel-Coated Copper with Non-Conductive Base, Six-side shielded. Weight 20 g Physical Cooling Method Free-air convection OUTPUT NOISE The output noise is measured with 0.1 μF tantalum capacitor 1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated. 2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor. |
Similar Part No. - SH10-48-15S |
|
Similar Description - SH10-48-15S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |