Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLH42245MPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FXLH42245MPX
Description  Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLH42245MPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FXLH42245MPX Datasheet HTML 1Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 2Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 3Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 4Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 5Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 6Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 7Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 8Page - Fairchild Semiconductor FXLH42245MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
VCCI
VCCO
Min
Typ
Max
Units
(V)
(V)
VIL
Low Level Input Voltage
Data Inputs An, Bn
2.7 - 3.6
1.1 - 3.6
0.8
V
(Note 4)
2.3 - 2.7
0.7
1.65 - 2.3
0.35 x VCCI
1.4 - 1.65
0.35 x VCCI
1.1 - 1.4
0.1 x VCCI
Control Pins OE, T/R
2.7 - 3.6
1.1 - 3.6
0.8
(Referenced to VCCA)
2.3 - 2.7
0.7
1.65 - 2.3
0.35 x VCCA
1.4 - 1.65
0.35 x VCCA
1.1 - 1.4
0.1 x VCCA
VOH
High Level Output Voltage
IOH = −100 µA
1.1 - 3.6
1.1 - 3.6
VCC0 - 0.2
V
(Note 5)
B Port
IOH = −6 mA
2.7
2.7
2.2
IOH = −8 mA
3.0
3.0
2.4
IOH = −12 mA
3.0
3.0
2.2
IOH = −4 mA
2.3
2.3
2.0
IOH = −6 mA
2.3
2.3
1.8
IOH = −8 mA
2.3
2.3
1.7
IOH = −3 mA
1.65
1.65
1.25
IOH = −1 mA
1.4
1.4
1.05
IOH = −0.25 mA
1.1
1.1
0.75 x VCC0
VOH
High Level Output Voltage
IOH = −100 µA
1.1 - 3.6
1.1 - 3.6
VCC0 - 0.2
V
(Note 5)
A Port
IOH = −12 mA
2.7
2.7
2.2
IOH = −18 mA
3.0
3.0
2.4
IOH = −24 mA
3.0
3.0
2.2
IOH = −6 mA
2.3
2.3
2.0
IOH = −12 mA
2.3
2.3
1.8
IOH = −18 mA
2.3
2.3
1.7
IOH = −6 mA
1.65
1.65
1.25
IOH = −2 mA
1.4
1.4
1.05
IOH = −0.5 mA
1.1
1.1
0.75 x VCC0
VOL
Low Level Output Voltage
IOL = 100µA
1.1 - 3.6
1.1- 3.6
0.2
V
(Note 5)
B Port
IOL = 6 mA
2.7
2.7
0.4
IOL = 8 mA
3.0
3.0
0.55
IOL = 12 mA
3.0
3.0
0.8
IOL = 6 mA
2.3
2.3
0.4
IOL = 8 mA
2.3
2.3
0.6
IOL = 3 mA
1.65
1.65
0.3
IOL = 1 mA
1.4
1.4
0.35
IOL = 0.25 mA
1.1
1.1
0.3 x VCC0
VOL
Low Level Output Voltage
IOL = 100µA
1.1 - 3.6
1.1- 3.6
0.2
V
(Note 5)
A Port
IOL = 12 mA
2.7
2.7
0.4
IOL = 18 mA
3.0
3.0
0.4
IOL = 24 mA
3.0
3.0
0.55
IOL = 12 mA
2.3
2.3
0.4
IOL = 18 mA
2.3
2.3
0.6
IOL = 6 mA
1.65
1.65
0.3
IOL = 2 mA
1.4
1.4
0.35
IOL = 0.5 mA
1.1
1.1
0.3 x VCC0
II
Input Leakage Current Control Pins VI = VCCA or GND
1.1 - 3.6
3.6
±1.0
µA


Similar Part No. - FXLH42245MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLH42245MPX ONSEMI-FXLH42245MPX Datasheet
570Kb / 14P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FXLH42245MPX FAIRCHILD-FXLH42245MPX_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
More results

Similar Description - FXLH42245MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245 FAIRCHILD-FXLH42245_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com