Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1R5-12-5D Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SB1R5-12-5D
Description  Encapsulated DC - DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB1R5-12-5D Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SB1R5-12-5D Datasheet HTML 1Page - Arch Electronics Corp. SB1R5-12-5D Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : B_1
update : 2012.12.17
Encapsulated DC-DC Converter
SB1R5 SERIES
1.5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SB1R5-5-5S
SB1R5-5-12S
SB1R5-5-15S
SB1R5-5-24S
SB1R5-5-5D
SB1R5-5-12D
SB1R5-5-15D
Max. Output Wattage (W)
1.5W
1.5W
1.5W
1.5W
1.5W
1.44W
1.5W
Input Voltage (V.DC.)
5V (4.5-5.5)
5V (4.5-5.5)
5V (4.5-5.5)
5V (4.5-5.5)
5V (4.5-5.5)
5V (4.5-5.5)
5V (4.5-5.5)
Output Voltage (V.DC.)
5V / 300mA
12V / 125mA
15V / 100mA
24V / 63mA
±5V / ±150mA
±12V / ±60mA
±15V / ±50mA
Efficiency
60%
54%
56%
58%
57%
59%
61%
Model No.
SB1R5-12-5S
SB1R5-12-12S
SB1R5-12-15S
SB1R5-12-24S
SB1R5-12-5D
SB1R5-12-12D
SB1R5-12-15D
Max. Output Wattage (W)
1.5W
1.5W
1.5W
1.5W
1.5W
1.44W
1.5W
Input Voltage (V.DC.)
12V (10.8-13.2)
12V (10.8-13.2)
12V (10.8-13.2)
12V (10.8-13.2)
12V (10.8-13.2)
12V (10.8-13.2)
12V (10.8-13.2)
Output Voltage (V.DC.)
5V / 300mA
12V / 125mA
15V / 100mA
24V / 63mA
±5V / ±150mA
±12V / ±60mA
±15V / ±50mA
Efficiency
65%
60%
62%
64%
60%
61%
65%
Model No.
SB1R5-24-5S
SB1R5-24-12S
SB1R5-24-15S
SB1R5-24-24S
SB1R5-24-5D
SB1R5-24-12D
SB1R5-24-15D
Max. Output Wattage (W)
1.5W
1.5W
1.5W
1.5W
1.5W
1.44W
1.5W
Input Voltage (V.DC.)
24V (21.6-26.4)
24V (21.6-26.4)
24V (21.6-26.4)
24V (21.6-26.4)
24V (21.6-26.4)
24V (21.6-26.4)
24V (21.6-26.4)
Output Voltage (V.DC.)
5V / 300mA
12V / 125mA
15V / 100mA
24V / 63mA
±5V / ±150mA
±12V / ±60mA
±15V / ±50mA
Efficiency
57%
55%
55%
58%
54%
54%
56%
Model No.
SB1R5-48-5S
SB1R5-48-12S
SB1R5-48-15S
SB1R5-48-24S
SB1R5-48-5D
SB1R5-48-12D
SB1R5-48-15D
Max. Output Wattage (W)
1.5W
1.5W
1.5W
1.5W
1.5W
1.44W
1.5W
Input Voltage (V.DC.)
48V (43.2-52.8)
48V (43.2-52.8)
48V (43.2-52.8)
48V (43.2-52.8)
48V (43.2-52.8)
48V (43.2-52.8)
48V (43.2-52.8)
Output Voltage (V.DC.)
5V / 300mA
12V / 125mA
15V / 100mA
24V / 63mA
±5V / ±150mA
±12V / ±60mA
±15V / ±50mA
Efficiency
53%
52%
51%
54%
52%
54%
54%
Model No.
SB1R5-5-5S
SB1R5-12-5S
SB1R5-24-5S
SB1R5-48-5S
SB1R5-5-12S
SB1R5-12-12S
SB1R5-24-12S
SB1R5-48-12S
SB1R5-5-15S
SB1R5-12-15S
SB1R5-24-15S
SB1R5-48-15S
SB1R5-5-24S
SB1R5-12-24S
SB1R5-24-24S
SB1R5-48-24S
SB1R5-5-5D
SB1R5-12-5D
SB1R5-24-5D
SB1R5-48-5D
SB1R5-5-12D
SB1R5-12-12D
SB1R5-24-12D
SB1R5-48-12D
SB1R5-5-15D
SB1R5-12-15D
SB1R5-24-15D
SB1R5-48-15D
Max Output Wattage (W)
1.5W
1.5W
1.5W
1.5W
1.5W
1.44W
1.5W
Input
Input Filter
π type
Voltage (V.DC.)
5
12
15
24
±5
±12
±15
Voltage Accuracy
±3%
Current (mA) max
300
125
100
63
±150
±60
±50
Line Regulation (LL-HL) (typ.)
±0.3%
Load Regulation (10-100%) (typ.)
±0.5%
Ripple
<0.2% Vout +10mV max (Vp-p)
Noise
<0.5% Vout +30mV max (Vp-p)
Output
Switching Frequency
20KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
500 VDC.
Isolation
Resistance
10
8 ohms
Operating Temperature
-25°C…+70°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>1,000,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.4 Inches ( 31.8 x 20.3 x 10.2 mm ) Tolerance
±0.5 mm
Case Material
Plastic
Weight
13 g
Physical
Cooling Method
Free-air convection
KEY FEATURES
Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Regulated Output
Low Ripple and Noise
3-Years Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - SB1R5-12-5D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5-12-5D ARCH-SB1R5-12-5D Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
More results

Similar Description - SB1R5-12-5D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com