Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLF75-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # QLF75-48S
Description  LED Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

QLF75-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  QLF75-48S Datasheet HTML 1Page - Arch Electronics Corp. QLF75-48S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_5
update : 2015.05.15
LED Power
QLF75 SERIES
75 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
This series has IP66 and IP67, when you place order, please be noted as ordering Part No.
Model No.
QLF75-24S
QLF75-36S
QLF75-48S
QLF75-54S
IP66
QLF75-24S-IP66
QLF75-36S-IP66
QLF75-48S-IP66
QLF75-54S-IP66
Ordering Part No
IP67
QLF75-24S-IP67
QLF75-36S-IP67
QLF75-48S-IP67
QLF75-54S-IP67
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
DERATING
Note:
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Please check the derating curve for more details.
3. Input Voltage=115 or 230 VAC
。This is the suitable operation region for LED related application.but please reconfirm special electrical requirements
for some specific system design.
4. Please contact us for more information.
5. It's recommended to add Varistor 14S561K at L / N input side in parallel.
6. This driver is suggested for LED application only.
7. Direct connection to LEDs is suggested. Connecting additional drivers would not be appropriate.
ASSEMBLY INSTRUCTIONS
*U Case
T=2.0mm
Customer screws into the length of the case
no higher than 0.5mm
(Namely screw length for load plate thickness
plus 2.5mm


Similar Part No. - QLF75-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
QLF75-24S ARCH-QLF75-24S Datasheet
257Kb / 2P
   LED Power
QLF75-36S ARCH-QLF75-36S Datasheet
257Kb / 2P
   LED Power
QLF75-54S ARCH-QLF75-54S Datasheet
257Kb / 2P
   LED Power
More results

Similar Description - QLF75-48S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com