Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSF75-24S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # PSF75-24S
Description  Fully Isolated Plastic Case with IP67 Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PSF75-24S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  PSF75-24S Datasheet HTML 1Page - Arch Electronics Corp. PSF75-24S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_3
update : 2015.05.15
LED Power
PSF75 SERIES
75 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
Note:
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Please check the derating curve for more details.
3. Input Voltage=115 or 230 VAC
。This is the suitable operation region for LED related application.but please reconfirm special electrical requirements
for some specific system design.
4. Please contact us for more information.
5. It's recommended to add Varistor 14S561K at L / N input side in parallel.
6. This driver is suggested for LED application only.
7. Direct connection to LEDs is suggested. Connecting additional drivers would not be appropriate.


Similar Part No. - PSF75-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF75-24S ARCH-PSF75-24S Datasheet
283Kb / 2P
   LED Power
More results

Similar Description - PSF75-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
APF100 ARCH-APF100_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30 ARCH-PLF30_16 Datasheet
243Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com