Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF500O-24S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # MQF500O-24S
Description  AC-DC Medical Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQF500O-24S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  MQF500O-24S Datasheet HTML 1Page - Arch Electronics Corp. MQF500O-24S Datasheet HTML 2Page - Arch Electronics Corp. MQF500O-24S Datasheet HTML 3Page - Arch Electronics Corp. MQF500O-24S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_0
update : 2016.07.14
AC-DC Medical Switching Power Supply
MQF500O SERIES
500 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
BLOCK DIAGRAM
MECHANICAL DIMENSION
( Top View )
PIN#
Single
1
FG
2
AC IN (N)
3
AC IN (L)
4
+DC OUT
5
-DC OUT
Connector Pin (FAN)
PIN#
Single
F1
+12V
F2
GND
Connector Pin (CN1)
PIN#
Single
C1
-5VSB
C2
+5VSB
C3
GND
C4
DC OK
C5
-RC
C6
+RC
C7
-S
C8
+S


Similar Part No. - MQF500O-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF500O-24S ARCH-MQF500O-24S Datasheet
332Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
More results

Similar Description - MQF500O-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF500E ARCH-MQF500E Datasheet
265Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120E ARCH-MQF120E_18 Datasheet
204Kb / 3P
   AC-DC Medical Switching Power Supply
MQF120O ARCH-MQF120O_18 Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF120U ARCH-MQF120U_18 Datasheet
192Kb / 3P
   AC-DC Medical Switching Power Supply
MQF700 ARCH-MQF700 Datasheet
256Kb / 4P
   AC-DC Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com