Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5246CN Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5246CN
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5246CN Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5246CN Datasheet HTML 3Page - Intersil Corporation EL5246CN Datasheet HTML 4Page - Intersil Corporation EL5246CN Datasheet HTML 5Page - Intersil Corporation EL5246CN Datasheet HTML 6Page - Intersil Corporation EL5246CN Datasheet HTML 7Page - Intersil Corporation EL5246CN Datasheet HTML 8Page - Intersil Corporation EL5246CN Datasheet HTML 9Page - Intersil Corporation EL5246CN Datasheet HTML 10Page - Intersil Corporation EL5246CN Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Typical Performance Curves (Continued)
Group Delay vs Frequency
Frequency Response for Various RL
Frequency Response for Various CL
Frequency Response for Various RF and RG
Open Loop Gain and Phase vs Frequency
Open Loop Voltage Gain vs Die Temperature
VCM=1.5V
RF=0Ω
AV=1
RL=10kΩ
RL=520Ω
RL=150Ω
1M
10M
Frequency (Hz)
100M
2
4
-2
0
-4
1M
10M
Frequency (Hz)
100M
4
8
-4
0
-8
CL=100pF
CL=47pF
CL=22pF
CL=0pF
VCM=1.5V
RL=150Ω
AV=1
RF=RG=2kΩ
RF=RG=1kΩ
RF=RG=560Ω
1M
10M
Frequency (Hz)
100M
0
2
-4
-2
-6
VCM=1.5V
RL=150Ω
AV=2
AV=2
RF=1kΩ
AV=1
RF=1Ω
1M
10M
Frequency (Hz)
100M
6
8
2
4
0
10
RL=1kΩ
RL=150Ω
Phase
Gain
90
45
180
135
225
0
60
80
20
40
0
1k
1M
Frequency (Hz)
100M
10k
10M
100k
RL=150Ω
No Load
60
70
40
50
30
80
-55
65
Die Temperature (°C)
145
-15
105
25
EL5144, EL5146, EL5244, EL5246, EL5444


Similar Part No. - EL5246CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5246CN ELANTEC-EL5246CN Datasheet
945Kb / 20P
   100 MHz Single Supply Rail to Rail Amplifier
logo
Renesas Technology Corp
EL5246CN RENESAS-EL5246CN Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5246CN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com