Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1585AT15 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN1585AT15
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AT15 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1585AT15 Datasheet HTML 1Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 2Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 3Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
REV. 1.1.5 11/7/03
Features
• Fast transient response
• Low dropout voltage at up to 5A
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard TO-220, TO-263 and TO-263 center cut packages
Applications
• AGTL+ bus supply for FC-PGA
• Low voltage logic supply
• Post regulator for switching supply
• 3.3V to 1.5V linear regulator
• 5V to 1.8V linear regulator
Description
The FAN1585A, FAN1585A-1.5, and FAN1585A-1.8 are
low dropout three-terminal regulators with 5A output current
capability. These devices have been optimized for low volt-
age applications including VTT bus termination for FC-PGA,
where transient response and minimum input voltage are
critical. The FAN1585A-1.5 offers fixed 1.5V with 5A
current capabilities for AGTL+ bus VTT termination for
FC-PGA. The FAN1585A is ideal for low voltage micro-
processor applications requiring a regulated output from
1.5V to 3.6V with an input supply of 5V or less, or for
FC-PGA applications with significant trace resistance.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal limit-
ing provides protection against any combination of overload
and ambient temperature that would create excessive junc-
tion temperatures.
The FAN1585A series regulators are available in the industry-
standard TO-220, TO-263 and TO-263 center cut power
packages.
Typical Applications
VIN = 3.3V
22
µF
22
µF
22
µF
22
µF
1.5V at 5A
R1
124
R2
24.9
+
+
VIN
ADJ
VOUT
FAN1585A
VIN = 3.3V
1.5V at 5A
+
+
VIN
GND
VOUT
FAN1585A-1.5
VOUT = VREF(1 + R2/R1) + IAdj • R2
FAN1585A
5A Adjustable/Fixed Low Dropout Linear Regulator


Similar Part No. - FAN1585AT15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585AT15 FAIRCHILD-FAN1585AT15 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - FAN1585AT15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com