Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF240O-12S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # MQF240O-12S
Description  Open Frame Medical Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQF240O-12S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  MQF240O-12S Datasheet HTML 1Page - Arch Electronics Corp. MQF240O-12S Datasheet HTML 2Page - Arch Electronics Corp. MQF240O-12S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : PA_3
update : 2016.07.21
AC-DC Medical Switching Power Supply
MQF240O SERIES
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
ECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
Pending
PIN#
Single
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
+DC OUT
5
-DC OUT
6
-DC OUT
7
-AUX OUT
8
+AUX OUT


Similar Part No. - MQF240O-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF240O-12S ARCH-MQF240O-12S Datasheet
344Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
More results

Similar Description - MQF240O-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF120O ARCH-MQF120O Datasheet
195Kb / 3P
   Open Frame Medical Switching Power Supply
logo
List of Unclassifed Man...
MS4018F ETC2-MS4018F Datasheet
517Kb / 4P
   40W Medical Open Frame Power Supply
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com