Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQC160-24S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MQC160-24S
Description  Switching Power Module for PCB Mountable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQC160-24S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MQC160-24S Datasheet HTML 1Page - Arch Electronics Corp. MQC160-24S Datasheet HTML 2Page - Arch Electronics Corp. MQC160-24S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : PA_1
update : 2016.07.21
AC-DC Power Module
MQC160 SERIES
160 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MQC150-12S
MQC150-24S
MQC150-48S
Safety
Approval
cUL / UL Standard:
UL 60950-1, CAN/CSA C22.2 No. 60950-1-07
ANSI/AAMI ES60601-1 (2005 + C1:09 + A2:10), CAN/CSA-C22.2 No. 60601-1
(2008), 2 x MOPP (Input to Output)
Conducted and radiated EMI
EN55011 class B, Radiated Class A, Conducted Class B
ESD
EN61000-4-2 air ± 8kV , Contact ± 4Kv
(Pending)
Radiated Immunity
EN61000-4-3 10V/m
(Pending)
Fast Transient
EN61000-4-4 ± 2kV
(Pending)
Surge
EN61000-4-5 ±1kV
(Pending)
Conducted Immunity
EN61000-4-6 10Vrms
(Pending)
PFMF
EN61000-4-8 30A/m
(Pending)
Dips
EN61000-4-11 30% 10ms
(Pending)
EMC
Interruption
EN61000-4-11 >95% 5000ms
(Pending)
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Hold-up Time measured at 90% Vout.
3. Please check the derating curve for more details.
4. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
DERATING


Similar Part No. - MQC160-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQC100 ARCH-MQC100 Datasheet
243Kb / 3P
   Switching Power Module for PCB Mountable
MQC100-12S ARCH-MQC100-12S Datasheet
243Kb / 3P
   Switching Power Module for PCB Mountable
MQC100-24S ARCH-MQC100-24S Datasheet
243Kb / 3P
   Switching Power Module for PCB Mountable
MQC100-48S ARCH-MQC100-48S Datasheet
243Kb / 3P
   Switching Power Module for PCB Mountable
MQC150 ARCH-MQC150 Datasheet
242Kb / 3P
   Switching Power Module for PCB Mountable
More results

Similar Description - MQC160-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
   Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
   Switching Power Module for PCB Mountable
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15_16 Datasheet
233Kb / 3P
   Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
   Switching Power Module for PCB Mountable
AQC100 ARCH-AQC100_16 Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com