Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR130 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # BR130
Description  Input under Voltage Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

BR130 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  BR130_16 Datasheet HTML 1Page - Arch Electronics Corp. BR130_16 Datasheet HTML 2Page - Arch Electronics Corp. BR130_16 Datasheet HTML 3Page - Arch Electronics Corp. BR130_16 Datasheet HTML 4Page - Arch Electronics Corp. BR130_16 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : A_1
update : 2015.03.16
DC-DC Brick
BR130 SERIES
36/60/72/100/132 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. During the test of input reflected ripple current, the input terminal must be connected to a 12uH inductor and a 220uF electrolytic capacitor.
2. Point B, which is for testing the output voltage ripple, is 25 mm (0.98 in.) away from the Vout(+) pin.


Similar Part No. - BR130_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
More results

Similar Description - BR130_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com