Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXI-3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2308SXI-3
Description  3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXI-3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2308SXI-3 Datasheet HTML 1Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 2Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 3Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 4Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 5Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 6Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 7Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 8Page - Cypress Semiconductor CY2308SXI-3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3.3V Zero Delay Buffer
CY2308
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07146 Rev. *C
Revised June 16, 2004
1CY2308
Features
• Zero input-output propagation delay, adjustable by
capacitive load on FBK input
• Multiple configurations, see “Available CY2308
Configurations” table
• Multiple low-skew outputs
— Output-output skew less than 200 ps
— Device-device skew less than 700 ps
— Two banks of four outputs, three-stateable by two
select inputs
• 10-MHz to 133-MHz operating range
• Low jitter, less than 200 ps cycle-cycle (–1, –1H, –4, –5H)
• Space-saving 16-pin 150-mil SOIC package or 16-pin
TSSOP
• 3.3V operation
• Industrial Temperature available
Functional Description
The CY2308 is a 3.3V Zero Delay Buffer designed to distribute
high-speed clocks in PC, workstation, datacom, telecom, and
other high-performance applications.
The part has an on-chip PLL which locks to an input clock
presented on the REF pin. The PLL feedback is required to be
driven into the FBK pin, and can be obtained from one of the
outputs. The input-to-output skew is guaranteed to be less
than 350 ps, and output-to-output skew is guaranteed to be
less than 200 ps.
The CY2308 has two banks of four outputs each, which can
be controlled by the Select inputs as shown in the table “Select
Input Decoding.” If all output clocks are not required, Bank B
can be three-stated. The select inputs also allow the input
clock to be directly applied to the output for chip and system
testing purposes.
The CY2308 PLL enters a power-down state when there are
no rising edges on the REF input. In this mode, all outputs are
three-stated and the PLL is turned off, resulting in less than
50
µA of current draw. The PLL shuts down in two additional
cases as shown in the “Select Input Decoding” table.
Multiple CY2308 devices can accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is guaranteed to be less than 700 ps.
The CY2308 is available in five different configurations, as
shown in the “Available CY2308 Configurations” table on page
2. The CY2308–1 is the base part, where the output
frequencies equal the reference if there is no counter in the
feedback path. The CY2308–1H is the high-drive version of
the –1, and rise and fall times on this device are much faster.
The CY2308–2 allows the user to obtain 2X and 1X
frequencies on each output bank. The exact configuration and
output frequencies depends on which output drives the
feedback pin. The CY2308–3 allows the user to obtain 4X and
2X frequencies on the outputs.
The CY2308–4 enables the user to obtain 2X clocks on all
outputs. Thus, the part is extremely versatile, and can be used
in a variety of applications.
The CY2308–5H is a high-drive version with REF/2 on both
banks.
9
16
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
Block Diagram
1
2
3
4
5
6
7
8
10
11
12
13
14
15
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
SOIC
Top View
Pin Configuration
REF
CLKA1
CLKA2
CLKA3
CLKA4
FBK
PLL
MUX
Select Input
Decoding
S2
S1
CLKB1
CLKB2
CLKB3
CLKB4
/2
Extra Divider (–2, –3)
/2
Extra Divider (–3, –4)
Extra Divider (–5H)
/2


Similar Part No. - CY2308SXI-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXI-3 CYPRESS-CY2308SXI-3 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-3 CYPRESS-CY2308SXI-3 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-3 CYPRESS-CY2308SXI-3 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
CY2308SXI-3T CYPRESS-CY2308SXI-3T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-3T CYPRESS-CY2308SXI-3T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXI-3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com