Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD77DGKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD77DGKR
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD77DGKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD77DGKR Datasheet HTML 3Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 4Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 5Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 6Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 7Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 8Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 9Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 10Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
www.ti.com
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
7.4 Thermal Information — D Packages
THERMAL METRIC
D
D
Unit
(8 PINS)
(14 PINS)
RθJA
Junction-to-ambient thermal resistance
110.7
83.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.7
42.9
RθJB
Junction-to-board thermal resistance
51.3
37.8
ψJT
Junction-to-top characterization parameter
9.2
9.3
ψJB
Junction-to-board characterization parameter
50.7
37.5
TJ(TSD)
Thermal shut-down junction temperature
170
°C
7.5 Thermal Information — DGS and DGK Packages
THERMAL METRIC
DGS
DGK
Unit
(10 PINS)
(8 PINS)
RθJA
Junction-to-ambient thermal resistance
165.5
168.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.7
62.2
RθJB
Junction-to-board thermal resistance
86.4
89.5
ψJT
Junction-to-top characterization parameter
1.4
7.4
ψJB
Junction-to-board characterization parameter
84.8
87.9
TJ(TSD)
Thermal shut-down junction temperature
170
°C
7.6 Power Dissipation
PARAMETER
TEST CONDITIONS
VALUE
UNITS
HVD70, HVD71
150
RL = 300 Ω,
Unterminated
HVD73, HVD74
180
mW
CL = 50 pF (driver)
Power Dissipation
HVD76, HVD77
220
driver and receiver enabled,
VCC = 3.6 V, TJ = 150°C
HVD70, HVD71
190
50% duty cycle square-wave signal at
RL = 100 Ω,
PD
RS-422 load
HVD73, HVD74
220
mW
signaling rate:
CL = 50 pF (driver)
HVD70 and HVD71 at 400 kbps
HVD76, HVD77
250
HVD73 and HVD74 at 20 Mbps
HVD70, HVD71
230
HVD76 and HVD77 at 50 Mbps
RL = 54 Ω,
RS-485 load
HVD73, HVD74
255
mW
CL = 50 pF (driver)
HVD76, HVD77
285
7.7 Electrical Characteristics
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60 Ω, 375 Ω on each
1.5
2
V
output to –7 V to 12 V, See Figure 15
|VOD|
Driver differential output voltage magnitude
RL = 54 Ω (RS-485), See Figure 16
1.5
2
V
RL = 100 Ω (RS-422) TJ ≥ 0°C,
2
V
VCC ≥ 3.2 V, See Figure 16
Change in magnitude of driver differential output
Δ|VOD|
RL = 54 Ω, CL = 50 pF, See Figure 16
–50
0
50
mV
voltage
VOC(SS)
Steady-state common-mode output voltage
1
VCC / 2
3
V
Change in differential driver output common-mode
ΔVOC
Center of two 27-
Ω load resistors, See Figure 16
–50
0
50
mV
voltage
VOC(PP)
Peak-to-peak driver common-mode output voltage
500
mV
COD
Differential output capacitance
15
pF
Positive-going receiver differential input voltage
VIT+
See (1)
-70
–20
mV
threshold
Negative-going receiver differential input voltage
VIT–
–200
-140
See (1)
mV
threshold
Receiver differential input voltage threshold hysteresis
Vhys
40
70
mV
(VIT+ – VIT–)
(1)
Under any specific conditions, VIT+ is assured to be at least Vhys higher than VIT–.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD77DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD77DGKR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com