Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM32-BS Datasheet(PDF) 3 Page - Formosa MS

Part # SFM32-BS
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM32-BS Datasheet(HTML) 3 Page - Formosa MS

  SFM32-BS Datasheet HTML 1Page - Formosa MS SFM32-BS Datasheet HTML 2Page - Formosa MS SFM32-BS Datasheet HTML 3Page - Formosa MS SFM32-BS Datasheet HTML 4Page - Formosa MS SFM32-BS Datasheet HTML 5Page - Formosa MS SFM32-BS Datasheet HTML 6Page - Formosa MS SFM32-BS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
.4
.6
.8
1.0
1.2
1.4
.003
.03
.3
3.0
10
Rating and characteristic curves (SFM31-BS THRU SFM38-BS)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
T =25 C
J
FIG.2-TYPICAL FORWARD CURRENT
0.6
1.2
1.8
2.4
3.0
3.6
DERATING CURVE
LEAD TEMPERATURE ( C)
°
1.6
1.8
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121445
2011/09/26
-
A
7
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0 1
.
10
1000
1 0
.
4 0
.
10
100
100
TJ
25 C
=
°
f1 0
HZ
=.M
P.C.B. Mounted on
0.2"x0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas


Similar Part No. - SFM32-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM32-B FORMOSA-SFM32-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SFM32-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com