Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1640FCT Datasheet(PDF) 2 Page - Formosa MS

Part # SF1640FCT
Description  Super Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF1640FCT Datasheet(HTML) 2 Page - Formosa MS

  SF1640FCT Datasheet HTML 1Page - Formosa MS SF1640FCT Datasheet HTML 2Page - Formosa MS SF1640FCT Datasheet HTML 3Page - Formosa MS SF1640FCT Datasheet HTML 4Page - Formosa MS SF1640FCT Datasheet HTML 5Page - Formosa MS SF1640FCT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : JEDEC ITO-220AB molded plastic body over
passivated chip
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity:
Mounting Position : Any
Weight : Approximated 1.70 gram
As marked
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
16A Super Fast Recovery
Rectifiers - 50V-600V
Formosa MS
SF1605FCT THRU SF1660FCT
Document ID
Issued Date
Revised Date
Revision
Page.
Super Fast Recovery Rectifiers
Features
Dual rectifier construction, positive centetap, offer 8.0A
half wave and 16.0A full wave rectification
High surge current capability.
Super fast recovery time for switching mode application.
.
Glass passivated chip junctions.
Lead-free parts meet environmental standards of
MIL-STD-19500/228
Suffix "-H" indicates Halogen-free parts, ex. SF1605FCT-H.
Low power loss
Dimensions in inches and (millimeters)
ITO-220AB
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.606(15.4)
0.583(14.8)
0.272(6.9)
0.248(6.3)
1
2
3
0.161(4.1)MAX
0.548(13.9)
0.189(4.8)
0.165(4.2)
0.028(0.7)
0.019(0.50)
0.1(2.55)
PIN 1
PIN 3
PIN 2
0.130(3.3)
0.099(2.5)
.032(0.8)MAX
0.512(13.0)
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage
at IF=8A
per leg
Maximum DC reverse current
at TJ =25°C
per leg at TJ =125°C
at rated DC blocking voltage
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Maximum reverse recovery time
(Note 1)
per leg
Note 1: Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance junction to case per leg
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
RθJC
trr
SF1605FCT
50
35
50
SF1610FCT
0.98
100
70
100
SF1620FCT
-55 to +150
-65 to +175
5.0
250
35
200
140
200
16
125
2.5
SF1640FCT
400
280
400
1.30
SF1660FCT
1.70
600
420
600
UNIT
°C
°C
UNIT
uA
uA
UNIT
°C/W
ns
V
V
V
A
A
V
SF1605FCT
SF1610FCT
SF1620FCT SF1640FCT SF1660FCT
SF1605FCT
SF1610FCT
SF1620FCT SF1640FCT SF1660FCT
DS-222416
2008/02/10
2014/08/15
D
6


Similar Part No. - SF1640FCT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF1640FCT FRONTIER-SF1640FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
More results

Similar Description - SF1640FCT

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com