Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD71DGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD71DGK
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD71DGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD71DGK Datasheet HTML 7Page - Texas Instruments SN65HVD71DGK Datasheet HTML 8Page - Texas Instruments SN65HVD71DGK Datasheet HTML 9Page - Texas Instruments SN65HVD71DGK Datasheet HTML 10Page - Texas Instruments SN65HVD71DGK Datasheet HTML 11Page - Texas Instruments SN65HVD71DGK Datasheet HTML 12Page - Texas Instruments SN65HVD71DGK Datasheet HTML 13Page - Texas Instruments SN65HVD71DGK Datasheet HTML 14Page - Texas Instruments SN65HVD71DGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Signaling Rate (Mbps)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
41
41.2
41.4
41.6
41.8
42
D013
Signaling Rate (Mbps)
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
D007
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
D011
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
D012
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
D005
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
D006
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
www.ti.com
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 7. SN65HVD73, SN65HVD74 Driver Rise and Fall Time
Figure 8. SN65HVD73, SN65HVD74 Driver Propagation Delay
vs Temperature
vs Temperature
Figure 9. SN65HVD76, SN65HVD77 Driver Rise and Fall Time
Figure 10. SN65HVD76, SN65HVD77 Driver Propagation
vs Temperature
Delay vs Temperature
VCC = 3.3 V
TA = 25°C
Figure 11. SN65HVD70, SN65HVD71 Supply Current vs
Figure 12. SN65HVD73, SN65HVD74 Supply Current vs
Signal Rate
Signal Rate
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD71DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD71DGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com