Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM103-MS Datasheet(PDF) 5 Page - Formosa MS

Part # FFM103-MS
Description  SMD Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM103-MS Datasheet(HTML) 5 Page - Formosa MS

  FFM103-MS Datasheet HTML 1Page - Formosa MS FFM103-MS Datasheet HTML 2Page - Formosa MS FFM103-MS Datasheet HTML 3Page - Formosa MS FFM103-MS Datasheet HTML 4Page - Formosa MS FFM103-MS Datasheet HTML 5Page - Formosa MS FFM103-MS Datasheet HTML 6Page - Formosa MS FFM103-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
FFM101-MS THRU FFM107-MS
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-123S
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
2.00
3.85
1.10
DS-121206
2012/07/30
-
A
7
SMD Fast Recovery Rectifiers


Similar Part No. - FFM103-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM103-M FORMOSA-FFM103-M Datasheet
69Kb / 2P
   Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM103-M GXELECTRONICS-FFM103-M Datasheet
353Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM103-M FORMOSA-FFM103-M Datasheet
101Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
FFM103-M PACELEADER-FFM103-M Datasheet
210Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM103-M WINNERJOIN-FFM103-M Datasheet
150Kb / 2P
   Fast recovery type
More results

Similar Description - FFM103-MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com