Electronic Components Datasheet Search |
|
T494C226M010AS Datasheet(PDF) 1 Page - Texas Instruments |
|
T494C226M010AS Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page TPS60101 REGULATED 3.3V 100mA LOW NOISE CHARGE PUMP DC/DC CONVERTER SLVS214B − JUNE 1999 − REVISED AUGUST 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 features D Up to 100-mA Output Current D Less Than 5-mVpp Output Voltage Ripple D No Inductors Required/Low EMI D Regulated 3.3-V ±4% Output D Only Four External Components Required D Up to 90% Efficiency D 1.8-V to 3.6-V Input Voltage Range D 50-µA Quiescent Supply Current D 0.05-µA Shutdown Current D Load Isolated in Shutdown D Space-Saving Thermally-Enhanced TSSOP PowerPAD Package D Evaluation Module Available (TPS60100EVM−131) applications Replaces DC/DC Converters With Inductors in − Battery-Powered Applications − Two Battery Cells to 3.3-V Conversion − Portable Instruments − Battery-Powered Microprocessor and DSP Systems − Miniature Equipment − Backup-Battery Boost Converters − PDAs − Laptops − Handheld Instrumentation − Medical Instruments − Cordless Phones description The TPS60101 step-up, regulated charge pump generates a 3.3-V ±4% output voltage from a 1.8-V to 3.6-V input voltage (two alkaline, NiCd, or NiMH batteries). Output current is 100 mA from a 2-V input. Only four external capacitors are needed to build a complete low-noise dc/dc converter. The push-pull operating mode of two single-ended charge pumps assures the low output voltage ripple as current is continuously transferred to the output. From a 2-V input, the TPS60101 can start into full load with loads as low as 33 Ω. The TPS60101 features either constant frequen- cy mode to minimize noise and output voltage ripple or the power-saving pulse-skip mode to extend battery life at light loads. The TPS60101 switching frequency is 300 kHz. The logic shutdown function reduces the supply current to 1- µA (max) and disconnects the load from the input. Special current-control circuitry prevents excessive current from being drawn from the battery during start-up. This DC/DC converter requires no inductors and has low EMI. It is available in the small 20-pin TSSOP PowerPAD package (PWP). Copyright 1999, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerPAD is a trademark of Texas Instruments Incorporated. output voltage ripple typical operating circuit Figure 1 3.45 10 3.25 3.3 3.35 3.4 3.05 3.1 3.15 3.2 5 01 23 4 6 7 8 9 t − Time − µs SKIP =COM = 3V8 = 0 V VIN = 2.4 V VO = 3.3 V IO = 100 mA CO = 22 µF X5R Ceramic IN IN C1+ C1− ENABLE OUT OUT FB C2+ C2− SYNC SKIP COM 3V8 PGND GND INPUT 1.8 V to 3.6 V CIN 4.7 µF OUTPUT 3.3 V 100 mA CO 10 µF C2F 1 µF C1F 1 µF + OFF/ON TPS60101 + |
Similar Part No. - T494C226M010AS |
|
Similar Description - T494C226M010AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |